Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339PC Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # LM339PC
Description  Quad Differential Comparator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM339PC Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  LM339PC Datasheet HTML 1Page - Cystech Electonics Corp. LM339PC Datasheet HTML 2Page - Cystech Electonics Corp. LM339PC Datasheet HTML 3Page - Cystech Electonics Corp. LM339PC Datasheet HTML 4Page - Cystech Electonics Corp. LM339PC Datasheet HTML 5Page - Cystech Electonics Corp. LM339PC Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C545PC
Issued Date : 2010.12.20
Revised Date :
Page No. : 2/6
LM339PC
CYStek Product Specification
Absolute Maximum Rating
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
±
18 or 36
V
Differential Input Voltage
VIDiff
36
V
Input Voltage
VI
-0.3 ~ 36
V
Power Dissipation
PD
570
mW
Operating Temperature
Topr
0 ~ +70
℃
Storage Temperature
Tstg
-65 ~ +150
℃
Electrical Characteristics (VCC=5V,Ta=25
°C, all voltage referenced to ground unless
otherwise specified.)
Parameter
Test Condition
Symbol
Min.
Typ.
Max.
Unit
Input Offset Voltage
VCC=5~30V, VIC=VICR(min)
VO=1.4V, Rs=0
VIO
-
±
2
±
5
mV
Input Offset Current
VO=1.4V
IIO
-
±
5
±
50
nA
Input Bias Current
VO=1.4V
IBIAS
-
-25
-250
nA
Input Common-Mode Voltage
Range (Note 1)
VICR
0
-
VCC-1.5
V
RL=∞, VCC=5V
-
0.8
2.0
mA
Supply Current
RL=∞, VCC=30V (full range)
ICC
-
-
2.5
mA
Large Signal Differential Voltage
Amplification
VCC=15V, VO=1.4V~11.4V
RL≥15kΩ to VCC
AVD
50
200
-
V/mV
TTL level input step (Note 2)
VRL=5V, RL=5.1kΩ, CL=15pF
-
350
-
ns
Response Time
100mV input step with 5mV
overdrive
(Note 2)
VRL=5V, RL=5.1kΩ, CL=15pF
tres
-
1400
-
ns
Low-level Output Current
VIN(-)=1V, VIN(+)=0V,
VOL=1.5V
IOL
6
18
-
mA
Low-level Output Voltage
VIN(-)=1V, VIN(+)=0V,
IOL=4mA
VOL
-
150
400
mV
-
0.1
-
nA
High-level Output Current
VIN(+)=1V, VIN(-)=0V,
VOH=5V
VOH=30V
(full range)
IOH
-
-
1.0
μA
Note : 1. The voltage at either input or common-mode should not be allowed to negative by more than 0.3V. The upper end of the
common-mode voltage range is VCC-1.5V, but either or both input can go to 30V without damage.
2. The response time specified is the interval between the input step function and instant when the output crosses 1.4V.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com