Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM1114BA3 Datasheet(PDF) 14 Page - Cystech Electonics Corp.

Part # LM1114BA3
Description  Low Dropout CMOS Voltage Regulators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM1114BA3 Datasheet(HTML) 14 Page - Cystech Electonics Corp.

Back Button LM1114BA3 Datasheet HTML 7Page - Cystech Electonics Corp. LM1114BA3 Datasheet HTML 8Page - Cystech Electonics Corp. LM1114BA3 Datasheet HTML 9Page - Cystech Electonics Corp. LM1114BA3 Datasheet HTML 10Page - Cystech Electonics Corp. LM1114BA3 Datasheet HTML 11Page - Cystech Electonics Corp. LM1114BA3 Datasheet HTML 12Page - Cystech Electonics Corp. LM1114BA3 Datasheet HTML 13Page - Cystech Electonics Corp. LM1114BA3 Datasheet HTML 14Page - Cystech Electonics Corp. LM1114BA3 Datasheet HTML 15Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
CYStech Electronics Corp.
Spec. No. : C505A3-B
Issued Date : 2003.03.21
Revised Date : 2014.01.03
Page No. : 14/15
LM1114BM3/N3/A3
CYStek Product Specification
SOT-23 Dimension
*: Typical
Inches
Device Code
Voltage :
1.8V→18
2.5V→25
3.0V→30
3.3V→33
3.6V→36
5.0V→50
3-Lead SOT-23 Plastic
Surface Mounted Package
CYStek Package Code: N3
Style: Pin 1. Vss 2.Vout 3.Vin
Marking:
Date
Code
4□□
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1102
0.1204
2.80
3.04
J
0.0032
0.0079
0.08
0.20
B
0.0472
0.0669
1.20
1.70
K
0.0118
0.0266
0.30
0.67
C
0.0335
0.0512
0.89
1.30
L
0.0335
0.0453
0.85
1.15
D
0.0118
0.0197
0.30
0.50
S
0.0830
0.1161
2.10
2.95
G
0.0669
0.0910
1.70
2.30
V
0.0098
0.0256
0.25
0.65
H
0.0000
0.0040
0.00
0.10
L1
0.0118
0.0197
0.30
0.50
Notes: 1.Dimension and tolerance based on our Spec. dated Feb. 18,2002.
2.Controlling dimension: millimeters.
3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
4.If there is any question with packing specification or packing method, please contact your local CYCtek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com