Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWDF25P Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # FWDF25P
Description  Wasserdichte Steckverbindersysteme
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

FWDF25P Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  FWDF25P Datasheet HTML 1Page - Molex Electronics Ltd. FWDF25P Datasheet HTML 2Page - Molex Electronics Ltd. FWDF25P Datasheet HTML 3Page - Molex Electronics Ltd. FWDF25P Datasheet HTML 4Page - Molex Electronics Ltd. FWDF25P Datasheet HTML 5Page - Molex Electronics Ltd. FWDF25P Datasheet HTML 6Page - Molex Electronics Ltd. FWDF25P Datasheet HTML 7Page - Molex Electronics Ltd. FWDF25P Datasheet HTML 8Page - Molex Electronics Ltd. FWDF25P Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
98
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MAßE IN MILLIMETER (INCHES IN KLAMMERN)
DS 10/2007
Connectors with Straight PCB Termination, Ø 0.6 mm (Ø 0.024"), Pre-tinned
Steckverbinder mit geradem Einlötanschluss, Ø 0,6 mm, vorverzinnt
Number of Contacts
A
B
Order Number Pin
Order Number Socket
Inner Thread
Polzahl
±0,2
±0,1
Bestellnummer Stift
Bestellnummer Buchse
Innengewinde
(±0.008) (±0.004)
4-40 UNC
M3
9
40,0
25,0
FWDR09P1
FWDR09S1
Standard
-K415
(1.575)
(0.984)
Standard
15
48,3
33,3
FWDR15P1
FWDR15S1
Standard
-K415
(1.902)
(1.311)
Standard
25
62,0
47,04
FWDR25P1
FWDR25S1
Standard
-K415
(2.441)
(1.852)
Standard
Connectors with Right Angled PCB Termination, Ø 0.6 mm (Ø 0.024"), Pre-tinned
Steckverbinder mit abgewinkeltem Einlötanschluss, Ø 0,6 mm, vorverzinnt
Number of Contacts
A
B
Order Number Pin
Order Number Socket
Inner Thread
Polzahl
±0,2
±0,1
Bestellnummer Stift
Bestellnummer Buchse
Innengewinde
(±0.008) (±0.004)
4-40 UNC
M3
9
40,0
25,0
FWDR09P25
FWDR09S25
Standard
-K416
(1.575)
(0.984)
Standard
15
48,3
33,3
FWDR15P25
FWDR15S25
Standard
-K416
(1.902)
(1.311)
Standard
25
62,0
47,04
FWDR25P25
FWDR25S25
Standard
-K416
(2.441)
(1.852)
Standard
Waterproof Connectors with Plastic Watertight Frame
Wasserdichte Steckverbinder mit Kunststoffdichtrahmen
Connectors with Right Angled PCB Terminations
Steckverbinder mit abgewinkeltem Leiterplattenanschluss
Connectors with Straight PCB Termination
Steckverbinder mit geradem Leiterplattenanschluss
PCB hole pattern:
see page 20
Leiterplattenlochbilder: siehe Seite 20
PCB hole pattern:
see page 20
Leiterplattenlochbilder: siehe Seite 20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com