Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6206N3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # LM6206N3
Description  Low Dropout CMOS Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM6206N3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  LM6206N3 Datasheet HTML 1Page - Cystech Electonics Corp. LM6206N3 Datasheet HTML 2Page - Cystech Electonics Corp. LM6206N3 Datasheet HTML 3Page - Cystech Electonics Corp. LM6206N3 Datasheet HTML 4Page - Cystech Electonics Corp. LM6206N3 Datasheet HTML 5Page - Cystech Electonics Corp. LM6206N3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C497N3
Issued Date : 2008.03.25
Revised Date :
Page No. : 1/10
LM6206N3
CYStek Product Specification
SOT-23
Low Dropout CMOS Voltage Regulators
LM6206N3
Product Description
The LM6206N3 series is a set of three-terminal high current low voltage regulator implemented in CMOS
technology. They can deliver 250mA output current and allow an input voltage as high as 6.5V.
CMOS technology ensures low voltage drop and low quiescent current. They are available with several
fixed output voltage ranging from 1.5V to 3.3V. In addition, output voltage can be set internally. It is
selectable in 0.1V increments within a range of 1.5V to 3.3V.
Features
●
Low dropout voltage
●
Maximum output current 250mA
●
Output voltage : 1.5V~3.3V (0.1V increments)
●
Output voltage accuracy : tolerance ±2%
●
Low temperature coefficient
Applications
●
Battery powered equipment
●
Reference voltage sources
●
Cameras and video cameras
●
Portable AV systems
●
Communication tools
●
Portable games
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
6.5
V
Output Current
Iout
250
mA
Continuous Total Power Dissipation
PD
150
mW
Operating Ambient Temperature
TOPR
-40〜+85
℃
Storage Temperature
TSTG
-50〜+125
℃


Similar Part No. - LM6206N3

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
LM620 KODENSHI-LM620 Datasheet
339Kb / 1P
High-Brightness RGB Full Color
logo
Seoul Semiconductor
LM620Z SEOUL-LM620Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
More results

Similar Description - LM6206N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1114 CYSTEKEC-LM1114 Datasheet
238Kb / 10P
Low Dropout CMOS Voltage Regulators
PL5209L3 CYSTEKEC-PL5209L3 Datasheet
158Kb / 3P
Low Dropout CMOS Voltage Regulators
PL5209M3 CYSTEKEC-PL5209M3 Datasheet
157Kb / 3P
Low Dropout CMOS Voltage Regulators
LM1114A3 CYSTEKEC-LM1114A3 Datasheet
342Kb / 12P
Low Dropout CMOS Voltage Regulators
LM1114A3B CYSTEKEC-LM1114A3B Datasheet
321Kb / 11P
Low Dropout CMOS Voltage Regulators
LM1114BA3 CYSTEKEC-LM1114BA3 Datasheet
385Kb / 15P
Low Dropout CMOS Voltage Regulators
LM1114BM3 CYSTEKEC-LM1114BM3 Datasheet
386Kb / 15P
Low Dropout CMOS Voltage Regulators
LM1114BN3 CYSTEKEC-LM1114BN3 Datasheet
385Kb / 15P
Low Dropout CMOS Voltage Regulators
LM1114M3 CYSTEKEC-LM1114M3 Datasheet
342Kb / 12P
Low Dropout CMOS Voltage Regulators
LM1114M3B CYSTEKEC-LM1114M3B Datasheet
321Kb / 11P
Low Dropout CMOS Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com