Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR02C023JA1-R5000 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # FR02C023JA1-R5000
Description  0.2 mm Pitch, 0.82mm Mating Height FPC Connector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

FR02C023JA1-R5000 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  FR02C023JA1-R5000 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. FR02C023JA1-R5000 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. FR02C023JA1-R5000 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. FR02C023JA1-R5000 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. FR02C023JA1-R5000 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MB-0269-1
JAE PMK Div. Proprietary. Copyright © 2013, Japan Aviation Electronics Industry, Ltd.
3/5
Part Number
SJ Drawing
FR02C0**JA1
SJ113749
No. of
Contacts
Dimension
A
Dimension
B
23
4.4
5.7
41
8.0
9.3
51
10.0
11.3
61
12.0
13.3
SMT Adsorption Area
Connector Dimensions
Unit: mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com