Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232H Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button FT232H Datasheet HTML 23Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 24Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 25Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 26Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 27Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 28Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 29Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 30Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
27
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
4.4 FT245 Synchronous FIFO Interface Mode Description
When FT232H is configured in an FT245 Synchronous FIFO interface mode the IO timing of the signals
used are shown in Figure 4.4 which shows details for read and write accesses. The timings are shown in
Figure 4.4.Note that only a read or a write cycle can be performed at any one time. Data is read or
written on the rising edge of the CLKOUT clock.
Figure 4.4 FT245 Synchronous FIFO Interface Signal Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com