Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL711-2B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # IL711-2B
Description  High Speed Dual Digital Isolator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IL711-2B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IL711-2B Datasheet HTML 1Page - List of Unclassifed Manufacturers IL711-2B Datasheet HTML 2Page - List of Unclassifed Manufacturers IL711-2B Datasheet HTML 3Page - List of Unclassifed Manufacturers IL711-2B Datasheet HTML 4Page - List of Unclassifed Manufacturers IL711-2B Datasheet HTML 5Page - List of Unclassifed Manufacturers IL711-2B Datasheet HTML 6Page - List of Unclassifed Manufacturers IL711-2B Datasheet HTML 7Page - List of Unclassifed Manufacturers IL711-2B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Electrical Specifications
Electrical Specifications are Tmin to Tmax unless otherwise stated.
Parameter
Symbol
3.3 Volt Specifications
5 Volt Specifications
Units
Test Conditions
DC Specifications
Min.
Typ.
Max.
Min.
Typ.
Max.
Quiescent Supply Current
IL711
I
DD
1
810
10
15
A
IL712
1.5
2
2.5
3
mA
Quiescent Supply Current
IL711
I
DD2
3.3
4
5
6
mA
IL712
1.5
2
2.5
3
mA
Logic Input Current
I
I
-10
10
-10
10
A
Logic High Output Voltage
V
OH
VDD-0.1
VDD
VDD-0.1
VDD
VI
O =-20
A, V
I =VIH
0.8*V
DD VDD-0.5
0.8*V
DD
V
DD-0.5
I
O
= -4 mA, V
I =VIH
Logic Low Output Voltage
V
OL
0
0.1
0
0.1
V
I
O = 20
A, V
I =VIL
0.5
0.8
0.5
0.8
I
O
= 4 mA, V
I =VIL
Switching Specifications
Maximum Data Rate
100
110
100
110
MBd
C
L = 15 pF
Pulse Width
PW
10
10
ns
Propagation Delay
Input to Output (High to Low)
t
PHL
12
18
10
15
ns
C
L
= 15 pF
Propagation Delay
Input to Output ( Low to High)
t
PLH
12
18
10
15
ns
C
L
= 15 pF
Pulse Width Distortion
(2)
| tPHL- tPLH |
PWD
2
3
2
3
ns
C
L
= 15 pF
Propagation Delay Skew
(3)
t
PSK
4
6
4
6
ns
C
L = 15 pF
Output Rise Time (10-90%)
t
R
2
4
1
3
ns
C
L = 15 pF
Output Fall Time (10-90%)
t
F
2
4
1
3
ns
C
L = 15 pF
Transient Immunity (Output Logic
|CMH|
20
30
20
30
kV/ s
Vcm = 300V
High or Logic Low)
(4)
|CML|
Channel to Channel Skew
T
CSK
2
3
2
3
ns
C
L = 15 pF
IL711/712
ISOLOOP®
NVE Corporation
11409 Valley View Road
Eden Prairie, MN 55344-3617 USA
Telephone: (952) 829-9217
Fax: (952) 829-9189
Internet: www.isoloop.com
Notes:
1.
Absolute Maximum ambient operating temperature means the
device will not be damaged if operated under these conditions. It
does not guarantee performance.
2.
PWD is defined as | t
PHL– tPLH |. %PWD is equal to the PWD
divided by the pulse width.
3.
t
PSK is equal to the magnitude of the worst case difference in tPHL
and/or t
PLH that will be seen between units at 25
OC.
4.
CM
H is the maximum common mode voltage slew rate that can be
sustained while maintaining V
O > 0.8 VDD. CML is the maximum
common mode input voltage that can be sustained while
maintaining V
O < 0.8 V. The common mode voltage slew rates
apply to both rising and falling common mode voltage edges.
5.
Device is considered a two terminal device:
pins 1-4 shorted and pins 5-8 shorted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com