Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B270 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B270
Description  2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B270 Datasheet(HTML) 1 Page - Diodes Incorporated

  B270 Datasheet HTML 1Page - Diodes Incorporated B270 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S30021 Rev. A-2
1 of 2
B270-B2100
B270 - B2100
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Ideally Suited for Automatic Assembly
·
Low Power Loss, High Efficiency
·
Surge Overload Rating to 50A Peak
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Application
·
High Temperature Soldering:
260
°C/10 Second at Terminal
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: SMB, Molded Plastic
·
Terminals: Solder Plated Terminal -
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Weight: 0.093 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
A
B
C
D
G
H
E
J
Characteristic
Symbol
B270
B280
B290
B2100
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
80
90
100
V
RMS Reverse Voltage
VR(RMS)
49
56
63
70
V
Average Rectified Output Current
@ TT = 125
°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
50
A
Forward Voltage @ IF = 2.0A
@ TA = 25
°
@TA = 100
°
VFM
0.79
0.69
V
Peak Reverse Current
@TA = 25
°C
at Rated DC Blocking Voltage
@ TA = 100
°C
IRM
0.5
15
mA
Typical Junction Capacitance (Note 2)
Cj
75
pF
Typical Thermal Resistance Junction to Terminal (Note 1)
RqJT
15
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1. Valid provided that terminals are kept at ambient temperature.
2. Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V DC.
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.57
C
1.96
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm


Similar Part No. - B270

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B270 DIODES-B270 Datasheet
265Kb / 3P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
B270 DIODES-B270 Datasheet
110Kb / 4P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 10 - 2
B270 DIODES-B270 Datasheet
414Kb / 6P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Rev 12
B270-13-F DIODES-B270-13-F Datasheet
265Kb / 3P
2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30021 Rev. 6 - 2
logo
E-SWITCH
B270000 E-SWITCH-B270000 Datasheet
117Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - B270

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SK22 WTE-SK22 Datasheet
43Kb / 3P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com