Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-AFM2E Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # FD-AFM2E
Description  Digital Fiber Sensor FX-100 SERIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD-AFM2E Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button FD-AFM2E Datasheet HTML 8Page - List of Unclassifed Manufacturers FD-AFM2E Datasheet HTML 9Page - List of Unclassifed Manufacturers FD-AFM2E Datasheet HTML 10Page - List of Unclassifed Manufacturers FD-AFM2E Datasheet HTML 11Page - List of Unclassifed Manufacturers FD-AFM2E Datasheet HTML 12Page - List of Unclassifed Manufacturers FD-AFM2E Datasheet HTML 13Page - List of Unclassifed Manufacturers FD-AFM2E Datasheet HTML 14Page - List of Unclassifed Manufacturers FD-AFM2E Datasheet HTML 15Page - List of Unclassifed Manufacturers FD-AFM2E Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
137 DigitalFiberSensorFX-100SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
WIRE-
SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber sensor
Ampilifiers
Code setting function
Settings for “output operation”, “timer”, “emission
amount”, “emission frequency”, “ECO”, “external input”,
and “shift amount” are possible by selecting codes
discretionary.
The code setting function makes it possible to set the
output operation, timer operation, amount of light emitted,
frequency of light emitted, ECO setting, external input,
and amount of shift by selecting a code of one’s choice.
While in the RUN Mode, pressing and holding both
the ON key ( ) and OFF key ( ) simultaneously for 4
seconds will switch to the code setting function.
•
•
•
Quick setting function
Settings for “output operation”, “light-emitting amount”,
“timer”, and “emission frequency” are possible simply by
selecting a setting number.
The quick setting function makes it possible to set
the content of the SET Mode (output operation, timer
operation, amount of light emitted, and frequency of light
emitted) simply by selecting a setting number.
While in the RUN Mode, pressing and holding both
the ON key ( ) and OFF key ( ) simultaneously for 2
seconds will switch to the quick setting function.
•
•
•
<Table of quick setting numbers>
No.
Output operation Emission amount setting
Timer
D-ON
OFF
non
D-ON
ON
non
D-ON
OFF
ofd 10 ms
D-ON
ON
ofd 10 ms
D-ON
OFF
ofd 40 ms
D-ON
ON
ofd 40 ms
D-ON
OFF
ond 10 ms
D-ON
ON
ond 10 ms
D-ON
OFF
ond 40 ms
D-ON
ON
ond 40 ms
L-ON
ON
ond 40 ms
L-ON
OFF
ond 40 ms
L-ON
ON
ond 10 ms
L-ON
OFF
ond 10 ms
L-ON
ON
ofd 40 ms
L-ON
OFF
ofd 40 ms
L-ON
ON
ofd 10 ms
L-ON
OFF
ofd 10 ms
L-ON
ON
non
L-ON
OFF
non
Others
Do not use during the initial transient time (0.5 sec.) after
the power supply is switched on.
EEPROM is adopted to this product. It is not possible to
conduct teaching 100 thousand times or more, because
of the EEPROM’s lifetime.
•
•
PRECAUTIONS FOR PROPER USE
Refer to p.986~ for general precautions, and to the “Operation Guide” or “SUNX website”
(http://www.sunx.com) for details pertaining to operating instructions for the amplifier.
<Code table>
Code
1st digit
2nd digit
3rd digit
4th digit
Output
operation
Timer
(Note5)
Emission
amount
setting
Emission
Frequency
ECO
Extemal
input
Shift
(Note5)
FX-101□ FX-102□
D-on
non
OFF
01
OFF
E_oF
5 %
ond 10 ms
12
Limit [+] 10 %
ond 40 ms
23
Limit [–] 15 %
ofd 10 ms
3
4
Auto
20 %
ofd 40 ms
ON
0
1
Eco
25 %
L-on
non
1
2
ON
E_oF
30 %
ond 10 ms
23
Limit [+] 35 %
ond 40 ms
34
Limit [–] 40 %
ofd 10 ms
Auto
45 %
ofd 40 ms
Eco
50 %
Notes: 1) When the present setting is out of the code setting range, “ ” is
shown.
When “ ” is selected, the set content of the digit is not changed.
2) The factory setting is “
”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com