Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR20150FP Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MBR20150FP
Description  20Amp. Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MBR20150FP Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MBR20150FP Datasheet HTML 1Page - Cystech Electonics Corp. MBR20150FP Datasheet HTML 2Page - Cystech Electonics Corp. MBR20150FP Datasheet HTML 3Page - Cystech Electonics Corp. MBR20150FP Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C464FP
Issued Date : 2009.08.14
Revised Date : 2013.12.10
Page No. : 2/4
MBR20150FP
CYStek Product Specification
Maximum Ratings and Electrical Characteristics (Per Diode Leg)
(
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,
resistive or inductive load. For capacitive load, derate current by 20%.)
Parameter
Symbol
Min.
Typ.
Max.
Units
Maximum Recurrent peak reverse voltage
VRRM
150
V
Maximum RMS voltage
VRMS
100
V
Maximum DC blocking voltage
VDC
150
V
IF=10A, TC=25℃
0.85
IF=10A, TC=125℃
0.68
0.72
IF=20 A, TC=25℃
0.95
Maximum instantaneous
forward voltage at
(Note 1)
IF=20A, TC=125℃
VF
0.85
V
Per Diode
10
Maximum Average forward
rectified current @ TC=134℃
Per Device
IF(AV)
20
A
Non-repetitive peak forward surge current @
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
150
A
Peak repetitive reverse surge current, TJ<175℃ (Note 1 )
IRRM
3
A
VR=150 V, TC=25℃
5
μA
Maximum instantaneous
reverse current at
VR=150 V, TC=125℃
IR
5
mA
Voltage rate of change, (rated VR)
dV/dt
10,000
V/μs
Typical junction capacitance @ f=1MHz and applied
5V reverse voltage
CJ
168
pF
ESD susceptibility (Note 2)
8000
V
Storage temperature range
Tstg
-65
+175
℃
Operating junction temperature range
TJ
-65
+175
℃
Notes : 1. 2.0μs pulse width, f=1.0kHz
2. Human body model, 1.5kΩ in series with 100pF
Thermal Data
Parameter
Symbol
Value
Unit
Maximum Thermal Resistance, Junction-to-case
Rth,j-c
3.5
°C/W
Lead Temperature for Soldering Purposes : 1/8” from Case for 5seconds
TL
260
°C
Ordering Information
Device
Package
Shipping
Marking
MBR20150FP
TO-220FP
(Pb-free)
50 pcs / Tube, 40 Tubes/Box
20150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com