Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSR0860AF2 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MSR0860AF2
Description  8Amp. Super fast Plastic Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MSR0860AF2 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MSR0860AF2 Datasheet HTML 1Page - Cystech Electonics Corp. MSR0860AF2 Datasheet HTML 2Page - Cystech Electonics Corp. MSR0860AF2 Datasheet HTML 3Page - Cystech Electonics Corp. MSR0860AF2 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C191F2
Issued Date : 2013.01.09
Revised Date :
Page No. : 2/4
MSR0860AF2
CYStek Product Specification
Maximum Ratings and Electrical Characteristics
(
Rating at 25
°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz,
resistive or inductive load. For capacitive load, derate current by 20%.)
Parameter
Symbol
Min.
Typ.
Max.
Units
Maximum Recurrent peak reverse voltage
VRRM
600
V
Maximum RMS voltage
VRMS
420
V
Maximum DC blocking voltage
VDC
600
V
Maximum instantaneous forward voltage at IF=8A
VF
1.8
2
V
Maximum Average forward rectified current @
TC=100℃
IF(AV)
8
A
Non-repetitive peak forward surge current @
8.3ms single half sine wave superimposed on
rated load (JEDEC method)
IFSM
125
A
VR=600 V, TC=25℃
0.025
Maximum instantaneous
reverse current at
VR=600 V, TC=125℃
IR
5
mA
Maximum reverse
recovery time
IF=1A, VR=30V,
dIF/dt=100A/μs
trr
16
25
ns
Typical junction capacitance @ f=1MHz and applied
4V reverse voltage
CJ
23
pF
Isolation voltage from terminal to heatsink, t=1minute
VAC
2500
V
Storage temperature range
Tstg
-65
+175
℃
Operating junction temperature range
TJ
-65
+175
℃
Thermal Data
Parameter
Symbol
Value
Unit
Maximum Thermal Resistance, Junction-to-case
Rth,j-c
5
°C/W
Maximum Thermal Resistance, Junction-to-ambient
Rth,j-a
60
°C/W
Ordering Information
Device
Package
Shipping
MSR0860AF2
ITO-220AC
(RoHS compliant package)
50 pcs / Tube, 40 Tubes/Box



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com