Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FD-P2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FD-P2
Description  Digital Fiber Sensor FX-100 SERIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD-P2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FD-P2 Datasheet HTML 1Page - List of Unclassifed Manufacturers FD-P2 Datasheet HTML 2Page - List of Unclassifed Manufacturers FD-P2 Datasheet HTML 3Page - List of Unclassifed Manufacturers FD-P2 Datasheet HTML 4Page - List of Unclassifed Manufacturers FD-P2 Datasheet HTML 5Page - List of Unclassifed Manufacturers FD-P2 Datasheet HTML 6Page - List of Unclassifed Manufacturers FD-P2 Datasheet HTML 7Page - List of Unclassifed Manufacturers FD-P2 Datasheet HTML 8Page - List of Unclassifed Manufacturers FD-P2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
123
FIBER
SENSORS
LASER
SENSORS
PHOTOELECTRIC
SENSORS
MICRO
PHOTOELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE SENSORS
SENSOR
OPTIONS
WIRE-SAVING
SYSTEMS
MEASUREMENT
SENSORS
STATIC CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber Sensor
Amplifiers
Related Information
Digital Fiber Sensor
FX-100 SERIES
Glossary of terms / General precautions...P.983~ / P.986~
■
Taking fiber sensors to the next level
Conforming to
EMC Directive
The dual digital display allows users to check both the threshold
value and incident light intensity at the same time, allowing
for clear and intuitive control of the sensor’s functions. The
threshold value can be adjusted simply by pressing the
(UP)
key or the
(DOWN) key, so that the output operation can be
controlled with high precision, directly from the RUN mode.
Setup is made simple, using a dual digital display
Commercially-available connectors are used so that lead time and spare part numbers
can both be reduced
The connectors used are commercially-available connectors,
so that processing costs and lead time required for carrying
out processing after purchase of the sensors can be greatly
reduced. The same connection parts as the DP-100 series
of digital pressure sensors and the PM-64 series of micro
photoelectric sensors can be used.
Fiber selection................................. P.63~
■
General terms and conditions............. P.1
■
Sensor selection guide........P.11~ / P.61~
■
PNP output
type available
Timer
Light intensity
monitor
Interference
prevention
Automatic
sensitivity setting
Test input
Conventional (cable type)
From now on (built-in connector type)
Using cables with connectors
1 Sensor purchase and preparation
2 Harness processing by outside order
1 Sensor purchase and preparation
2 Harness processing by outside order
1 Purchase of sensors and cable with connectors
Conventional lead time
Customer
Harness
processor
Customer
Customer
Harness
processor
Sensor preparation
Sensor preparation
Harness Processing
Harness Processing
Sensor installation
Reduced
Sensor installation
Reduced
Sensor preparation Sensor installation
Lead time from now on
Lead time further reduced
Reduced
lead time
● Harness processing by outside order after sensor preparation
● Harness processing by outside order
Commercially-available press-fit connectors are used, so that the processing
costs for connection cables can be greatly reduced.
Threshold value
Incident light intensity
Connection with a
commercially-available
connector
http://www.sunx.com
SUNX website


Similar Part No. - FD-P2

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FD-1.2V PERICOM-FD-1.2V Datasheet
458Kb / 3P
1.2V CMOS Low Jitter XO
FD-1.8V PERICOM-FD-1.8V Datasheet
260Kb / 3P
1.8V CMOS Low Jitter XO
logo
TDK Electronics
FD-10A TDK-FD-10A Datasheet
92Kb / 8P
Ultra High Voltage Ceramic Capacitors
FD-10AU TDK-FD-10AU Datasheet
60Kb / 3P
Ultra-high Voltage Ceramic Capacitors Molded type with metal terminals For distribution lines
FD-10AU TDK-FD-10AU_14 Datasheet
92Kb / 8P
Ultra High Voltage Ceramic Capacitors
More results

Similar Description - FD-P2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX98745 ETC-MX98745 Datasheet
166Kb / 36P
100 BASE-TX/FX REPEATER CONTROLLER
logo
Micrel Semiconductor
KS8737 MICREL-KS8737 Datasheet
73Kb / 2P
10/100 LV PHY FX
logo
Altonics Co., Ltd.
QS5100 ALTONICS-QS5100 Datasheet
1Mb / 17P
Digital FX LSI
logo
Sharma Electro Componen...
FX SHARMA-FX Datasheet
351Kb / 2P
FX Series
logo
List of Unclassifed Man...
FS-V21 ETC1-FS-V21 Datasheet
416Kb / 4P
DUAL DIGITAL FIBER SENSOR
logo
Infineon Technologies A...
TLE4959-5UFX INFINEON-TLE4959-5UFX Datasheet
877Kb / 20P
TLE4959-5U FX FlexibleTransmission Speed Sensor
Data Sheet 1.0 2018-07
logo
Tripp Lite. All Rights ...
U236-MMF-LC TRIPPLITE-U236-MMF-LC Datasheet
163Kb / 3P
USB 2.0 Ethernet NIC Adapter - 10/100 Mbps, 100Base-FX, LC, Multimode Fiber, Black
U236-SMF-LC TRIPPLITE-U236-SMF-LC Datasheet
163Kb / 3P
USB 2.0 Ethernet Adapter - 10/100 Mbps, 100Base-FX, LC, Singlemode Fiber, Black
logo
Pepperl+Fuchs Inc.
SFP-1 PF-SFP-1 Datasheet
420Kb / 2P
SFP 100BASE-FX Fast Ethernet Multimode Fiber
2021-06-01
logo
List of Unclassifed Man...
FX-300 ETC-FX-300 Datasheet
13Mb / 28P
Digital Fiber Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com