Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS21
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS21 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS21 Datasheet HTML 1Page - Diodes Incorporated BAS21 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS12004 Rev. 12 - 2
1 of 2
BAS19 / BAS20 / BAS21
BAS19 / BAS20 / BAS21
SURFACE MOUNT FAST SWITCHING DIODE
Features
·
Case: SOT-23, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 perJ-STD-020A
·
Polarity: See Diagram
·
BAS19 Marking: KA8, KT3, KT2
·
BAS20 Marking: KT2, KT3
·
BAS21 Marking: KT3
·
Weight: 0.008 grams (approx.)
Mechanical Data
A
E
J
L
TOP VIEW
M
B C
H
G
D
K
Characteristic
Symbol
BAS19
BAS20
BAS21
Unit
Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
IO
200
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0ms
@ t = 1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current
IFRM
625
mA
Power Dissipation (Note 1)
Pd
250
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
500
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Maximum Ratings@ TA = 25°C unless otherwise specified
Note:
1. Part mounted on FR-4 board with recommended pad layout, which can be found on ourwebsite
at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
BAS19
BAS20
BAS21
V(BR)R
¾
120
200
250
V
IR = 100mA
Forward Voltage (Note 2)
VFM
¾
1.0
1.25
V
IF = 100mA
IF = 200mA
Reverse Current @ Rated DC Blocking Voltage (Note 2)
IRM
¾
100
15
nA
mA
Tj = 25°C
Tj = 100°C
Total Capacitance
CT
¾
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR,RL = 100W
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
For General Purpose Switching Applications
·
High Conductance
SOT-23
Dim
MinMax
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.85
0.80
a
0°
8°
All Dimensions in mm


Similar Part No. - BAS21

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS21 PANJIT-BAS21 Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAS21 PHILIPS-BAS21 Datasheet
56Kb / 12P
General purpose diodes
1999 May 26
logo
Vishay Siliconix
BAS21 VISHAY-BAS21 Datasheet
53Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAS21 TRSYS-BAS21 Datasheet
146Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zetex Semiconductors
BAS21 ZETEX-BAS21 Datasheet
35Kb / 2P
SILICON HIGH SPEED SWITCHING DIODE
More results

Similar Description - BAS21

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56W WTE-BAW56W_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com