Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B360B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B360B
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B360B Datasheet(HTML) 1 Page - Diodes Incorporated

  B360B Datasheet HTML 1Page - Diodes Incorporated B360B Datasheet HTML 2Page - Diodes Incorporated B360B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS13005 Rev. G-2
1 of 3
B320/A/B-B360/A/B
B320/A/B - B360/A/B
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Guard Ring Die Construction for Transient
Protection
·
Ideally Suited for Automatic Assembly
·
Low Power Loss, High Efficiency
·
Surge Overload Rating to 100A Peak
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Application
·
Plastic Material - UL Flammability
Classification 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Solder Plated Terminal -
Solderable per MIL-STD-202, Method 208
·
Polarity: Cathode Band or Cathode Notch
·
Approx. Weight: SMA 0.064 grams
SMB 0.093 grams
SMC 0.21 grams
·
Marking: Type Number
“A” Suffix Designates SMA Package
“B” Suffix Designates SMB Package
No Suffix Designates SMC Package
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SMA
SMB
SMC
Dim Min Max Min Max Min Max
A
2.29 2.92 3.30 3.94 5.59 6.22
B
4.00 4.60 4.06 4.57 6.60 7.11
C
1.27 1.63 1.96 2.21 2.75 3.18
D
0.15 0.31 0.15 0.31 0.15 0.31
E
4.80 5.59 5.00 5.59 7.75 8.13
G
0.10 0.20 0.10 0.20 0.10 0.20
H
0.76 1.52 0.76 1.52 0.76 1.52
J
2.01 2.62 2.00 2.62 2.00 2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
Characteristic
Symbol B320/A/B B330/A/B B340/A/B B350/A/B B360/A/B
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current
@ TT = 100°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current, 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
100
A
Forward Voltage
@ IF = 3.0A
VFM
0.50
0.70
V
Peak Reverse Current
@TA = 25°C
at Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
20
mA
Typical Junction Capacitance (Note 2)
Cj
250
pF
Typical Thermal Resistance, Junction to Terminal (Note 1)
RqJT
10
°C/W
Typical Thermal Resistance, Junction to Ambient
RqJA
50
°C/W
Operating Temperature Range
TSTG
-55 to +150
°C
Storage Temperature Range
Tj
-55 to +125
°C
Notes:
1. Thermal Resistance: Junction to terminal, unit mounted on PC board with 5.0 mm2 (0.013 mm thick) copper pad as heat sink.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.


Similar Part No. - B360B

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B360B WEITRON-B360B Datasheet
188Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B360B DIODES-B360B Datasheet
162Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30924 Rev. 2 - 2
logo
Galaxy Semi-Conductor H...
B360B BILIN-B360B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
B360B CTC-B360B Datasheet
71Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B360B WEITRON-B360B Datasheet
136Kb / 3P
Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B360B

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR32 WTE-SR32 Datasheet
48Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
ES3A DIODES-ES3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
B320 DIODES-B320_1 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
B320 DIODES-B320_10 Datasheet
96Kb / 5P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 7 - 2
logo
SUNMATE electronic Co.,...
S5820 SUNMATE-S5820 Datasheet
272Kb / 2P
3.0A Surface Mount Schottky Barrier Rectifier
SM5820B SUNMATE-SM5820B Datasheet
217Kb / 2P
3.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B340AQ DIODES-B340AQ Datasheet
412Kb / 6P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
B320AQ DIODES-B320AQ Datasheet
464Kb / 6P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2018 Rev. 2 - 2
B360AM DIODES-B360AM Datasheet
449Kb / 5P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2015 Rev. 2 - 2
B370B DIODES-B370B Datasheet
108Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
May 2012 Rev. 2 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com