Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP166 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # HSP166
Description  PAINTED TEXTURED GRAY RAL 7035
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

HSP166 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  HSP166 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO.
HSP166
PART NUMBERS
PAINTED TEXTURED GRAY RAL 7035
HSP166
NOTES
Welded Assembly
See Hammond Website for Additional Accessories
FRONT VIEW
BOTTOM VIEW
TOP VIEW
L.S VIEW
R.S VIEW
REAR VIEW
ISOMETRIC VIEW
1553mm
61.13in
556mm
21.89in
CD STUD
1/4-20 X 3/4
TYP(2)
114mm
4.5in
I/S
114mm
4.5in
I/S
95mm
3.75in
I/S
95mm
3.75in
I/S
21mm
0.82in
O
9mm
0.34in
THRU HOLE
TYP(8)


Similar Part No. - HSP166

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HSP166 HAMMOND-HSP166 Datasheet
48Kb / 1P
Panneaux lateraux
More results

Similar Description - HSP166

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HFMD1686 HAMMOND-HFMD1686 Datasheet
111Kb / 1P
PAINTED TEXTURED GRAY RAL 7035
HFMDT20165 HAMMOND-HFMDT20165 Datasheet
116Kb / 1P
PAINTED TEXTURED GRAY RAL 7035
HFMDT20168 HAMMOND-HFMDT20168 Datasheet
117Kb / 1P
PAINTED TEXTURED GRAY RAL 7035
HME1465 HAMMOND-HME1465 Datasheet
108Kb / 1P
PAINTED TEXTURED GRAY RAL 7035
HME1486 HAMMOND-HME1486 Datasheet
109Kb / 1P
PAINTED TEXTURED GRAY RAL 7035
HME1885 HAMMOND-HME1885 Datasheet
111Kb / 1P
PAINTED TEXTURED GRAY RAL 7035
HME2066 HAMMOND-HME2066 Datasheet
112Kb / 1P
PAINTED TEXTURED GRAY RAL 7035
HME20105 HAMMOND-HME20105 Datasheet
114Kb / 1P
PAINTED TEXTURED GRAY RAL 7035
HMESWF208 HAMMOND-HMESWF208 Datasheet
168Kb / 1P
PAINTED TEXTURED GRAY RAL 7035
HMESWF228 HAMMOND-HMESWF228 Datasheet
94Kb / 1P
PAINTED TEXTURED GRAY RAL 7035
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com