Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD509 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXDD509
Description  9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD509 Datasheet(HTML) 1 Page - IXYS Corporation

  IXDD509 Datasheet HTML 1Page - IXYS Corporation IXDD509 Datasheet HTML 2Page - IXYS Corporation IXDD509 Datasheet HTML 3Page - IXYS Corporation IXDD509 Datasheet HTML 4Page - IXYS Corporation IXDD509 Datasheet HTML 5Page - IXYS Corporation IXDD509 Datasheet HTML 6Page - IXYS Corporation IXDD509 Datasheet HTML 7Page - IXYS Corporation IXDD509 Datasheet HTML 8Page - IXYS Corporation IXDD509 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
First Release
Features
• Built using the advantages and compatibility
of CMOS and IXYS HDMOSTM processes
• Latch-Up Protected up to 9 Amps
• High 9A peak output current
• Wide operating range: 4.5V to 30V
• -55°C to +125°C Extended operating
temperature
• Ability to disable output under faults
• High capacitive load drive capability:
1800pF in <15ns
• Matched rise and fall times
• Low propagation delay time
• Low output impedance
• Low supply current
Applications
• Driving MOSFETs and IGBTs
• Limiting di/dt under short circuit
• Motor controls
• Line drivers
• Pulse generators
• Local power ON/OFF switch
• Switch mode power supplies (SMPS)
• DC to DC converters
• Pulse transformer driver
• Class D switching amplifiers
• Power charge pumps
General Description
The IXDD509 and IXDE509 are high speed high current gate
drivers specifically designed to drive the largest IXYS
MOSFETs & IGBTs to their minimum switching time and
maximum parctical frequency limits. The IXDD509 and
IXDE509 can source and sink 9 Amps of Peak Current
while producing voltage rise and fall times of less than
30ns. The inputs of the Drivers are compatible with TTL or
CMOS and are virtually immune to latch up over the entire
operating range. Patented* design innovations eliminate
cross conduction and current "shoot-through". Improved
speed and drive capabilities are further enhanced by
matched rise and fall times.
The IXDD509 and IXDE509 incorporate a unique ability to
disable the output under fault conditions. When a logical
low is forced into the Enable input, both final output stage
MOSFETs, (NMOS and PMOS) are turned off. As a result,
the output of the IXDD509 or IXDE509 enters a tristate high
impedance mode and with additional circuitry, achieves a
Soft Turn-Off of the MOSFET/IGBT when a short circuit is
detected. This helps prevent damage that could occur to
the MOSFET/IGBT if it were to be switched off abruptly due
to a dv/dt over-voltage transient.
The IXDD509 and IXDE509 are available in the 8-Pin P-DIP
(PI) package, the 8-Pin SOIC (SIA) package, and the 6-
Lead DFN (D1) package, (which occupies less than 65% of
the board area of the 8-Pin SOIC).
*United States Patent 6,917,227
Ordering Information
Part Number
Description
Package
Type
Packing Style
Pack
Qty
Configuration
IXDD509PI
9A Low Side Gate Driver I.C.
8-Pin PDIP
Tube
50
IXDD509SIA
9A Low Side Gate Driver I.C.
8-Pin SOIC
Tube
94
IXDD509SIAT/R
9A Low Side Gate Driver I.C.
8-Pin SOIC
13” Tape and Reel
2500
IXDD509D1
9A Low Side Gate Driver I.C.
6-Lead DFN
2” x 2” Waffle Pack
56
IXDD509D1T/R
9A Low Side Gate Driver I.C.
6-Lead DFN
13” Tape and Reel
2500
Non-Inverting
with Enable
IXDE509PI
9A Low Side Gate Driver I.C.
8-Pin PDIP
Tube
50
IXDE509SIA
9A Low Side Gate Driver I.C.
8-Pin SOIC
Tube
94
IXDE509SIAT/R
9A Low Side Gate Driver I.C.
8-Pin SOIC
13” Tape and Reel
2500
IXDE509D1
9A Low Side Gate Driver I.C.
6-Lead DFN
2” x 2” Waffle Pack
56
IXDE509D1T/R
9A Low Side Gate Driver I.C.
6-Lead DFN
13” Tape and Reel
2500
Inverting
with Enable
DS99679A(10/07)
NOTE: All parts are lead-free and RoHS Compliant
Copyright © 2007 IXYS CORPORATION All rights reserved
9 Ampere Low-Side Ultrafast MOSFET Drivers
with Enable for fast, controlled shutdown
IXDD509 / IXDE509


Similar Part No. - IXDD509

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD504 IXYS-IXDD504 Datasheet
407Kb / 13P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDD504D2 IXYS-IXDD504D2 Datasheet
407Kb / 13P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDD504D2R IXYS-IXDD504D2R Datasheet
407Kb / 13P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDD504D2T IXYS-IXDD504D2T Datasheet
407Kb / 13P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDD504PI IXYS-IXDD504PI Datasheet
407Kb / 13P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
More results

Similar Description - IXDD509

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI414 IXYS-IXDI414 Datasheet
241Kb / 10P
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_609 CLARE-IXD_609 Datasheet
1Mb / 14P
9-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_614 CLARE-IXD_614 Datasheet
1Mb / 14P
14-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDD504 IXYS-IXDD504 Datasheet
407Kb / 13P
4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDN514SIA IXYS-IXDN514SIA Datasheet
385Kb / 12P
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDD514 IXYS-IXDD514 Datasheet
469Kb / 13P
14 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
9 Ampere Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com