Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXDD509PI Datasheet(PDF) 10 Page - IXYS Corporation

Part # IXDD509PI
Description  9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD509PI Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IXDD509PI Datasheet HTML 2Page - IXYS Corporation IXDD509PI Datasheet HTML 3Page - IXYS Corporation IXDD509PI Datasheet HTML 4Page - IXYS Corporation IXDD509PI Datasheet HTML 5Page - IXYS Corporation IXDD509PI Datasheet HTML 6Page - IXYS Corporation IXDD509PI Datasheet HTML 7Page - IXYS Corporation IXDD509PI Datasheet HTML 8Page - IXYS Corporation IXDD509PI Datasheet HTML 9Page - IXYS Corporation IXDD509PI Datasheet HTML 10Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
Copyright © 2007 IXYS CORPORATION All rights reserved
IXDD509 / IXDE509
Output Source Current vs. Temperature
VSUPPLY = 15V
0
2
4
6
8
10
12
-50
0
50
100
150
Temperature (C)
Fig. 25
Fig. 26
Fig. 27
Fig. 28
Output Source Current vs. Supply Voltage
0
5
10
15
20
25
0
5
10
15
20
25
30
35
Supply Voltage (V)
Output Sink Current vs. Supply Voltage
-25
-20
-15
-10
-5
0
0
5
10
15
20
25
30
35
Supply Voltage (V)
Output Sink Current vs. Temperature
VSUPPLY = 15V
-14
-12
-10
-8
-6
-4
-2
0
-50
0
50
100
150
Temperature (C)
Fig. 23
Fig. 24
High State Output Resistance vs. Supply Voltage
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
5
10
15
20
25
30
35
Supply Voltage (V)
Low State Output Resistance vs. Supply Voltage
0
0.2
0.4
0.6
0.8
1
1.2
0
5
10
15
20
25
30
35
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com