Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFP5N50PM Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFP5N50PM
Description  PolarHVTM HiPerFET Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFP5N50PM Datasheet(HTML) 1 Page - IXYS Corporation

  IXFP5N50PM Datasheet HTML 1Page - IXYS Corporation IXFP5N50PM Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2006 IXYS All rights reserved
DS99508E(04/06)
Symbol
Test Conditions
Characteristic Values
(T
J = 25° C, unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 µA
500
V
V
GS(th)
V
DS = VGS, ID = 500 µA
3.0
5.5
V
I
GSS
V
GS = ±30 VDC, VDS = 0
±100
nA
I
DSS
V
DS = VDSS
5
µA
V
GS = 0 V
T
J = 125° C50
µA
R
DS(on)
V
GS = 10 V, ID = 2.5 A
1.4
Ω
Note 1
PolarHVTM HiPerFET
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
IXFP 5N50PM
V
DSS
= 500 V
I
D25
= 3.2 A
R
DS(on) ≤
≤≤≤≤ 1.4 Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤ 200 ns
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
° C to 150° C
500
V
V
DGR
T
J
= 25
° C to 150° C; R
GS = 1 MΩ
500
V
V
GSS
Continuous
± 30
V
V
GSM
Transient
± 40
V
I
D25
T
C = 25° C
3.2
A
I
DM
T
C = 25° C, pulse width limited by TJM
10
A
I
AR
T
C = 25° C5
A
E
AR
T
C = 25° C15
mJ
E
AS
T
C = 25° C
150
mJ
dv/dt
I
S
≤I
DM, di/dt ≤100 A/µs, VDD ≤VDSS,
10
V/ns
T
J
≤150° C, R
G = 30 Ω
P
D
T
C = 25° C38
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 s
260
°C
M
d
Mounting torque
1.13/10 Nm/lb.in.
Weight
4g
G = Gate
D = Drain
S = Source
Features
l Plastic overmolded tab for electrical
isolation
l Fast intrinsic diode
l International standard package
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
Advantages
l
Easy to mount
l
Space savings
l
High power density
OVERMOLDED TO-220
(IXTP...M) OUTLINE
G
D S
Isolated Tab
(Electrically Isolated Tab)
Preliminary Technical Information


Similar Part No. - IXFP5N50PM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFP5N50P3 IXYS-IXFP5N50P3 Datasheet
279Kb / 6P
N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Rectifier
More results

Similar Description - IXFP5N50PM

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA3N60P IXYS-IXTA3N60P Datasheet
227Kb / 4P
PolarHVTM Power MOSFET
IXFK48N60P IXYS-IXFK48N60P Datasheet
222Kb / 4P
PolarHVTM HiPerFET Power MOSFET N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
IXTQ22N50P IXYS-IXTQ22N50P Datasheet
203Kb / 5P
PolarHVTM Power MOSFET
IXTP14N60P IXYS-IXTP14N60P Datasheet
166Kb / 5P
PolarHVTM Power MOSFET
IXFH30N60P IXYS-IXFH30N60P Datasheet
330Kb / 5P
PolarHVTM HiPerFET Power MOSFET N-Channel Enhancement Mode
IXFX64N60P IXYS-IXFX64N60P Datasheet
175Kb / 5P
PolarHVTM HiPerFET Power MOSFET
IXTP5N60P IXYS-IXTP5N60P Datasheet
125Kb / 4P
PolarHVTM Power MOSFET
IXTQ26N50P IXYS-IXTQ26N50P Datasheet
343Kb / 5P
PolarHVTM Power MOSFET
IXTP2R4N50P IXYS-IXTP2R4N50P Datasheet
95Kb / 6P
PolarHVTM Power MOSFET
FMM22-06PF IXYS-FMM22-06PF Datasheet
101Kb / 2P
PolarHVTM HiPerFET N-Channel Power MOSFET Phase leg Topology
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com