Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70H Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAS70H
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS70H Datasheet(HTML) 1 Page - Diodes Incorporated

  BAS70H Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DS30190 Rev. 4 - 4
1 of 1
BAS70H/-04/-05/-06
BAS70H/ -04/ -05/ -06
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
·
Case: SOT-23, Molded Plastic
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagrams
·
Approx. Weight: 0.008 grams
Maximum Ratings and Electrical Characteristics, Single Diode@ TA = 25°C unless otherwise specified
Mechanical Data
Characteristic
Symbol
BAS70
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
70
V
RMS Reverse Voltage
VR(RMS)
49
V
Forward Continuous Current (Note 1)
IF
200
mA
Non-Repetitive Peak Forward Surge Current @ tp < 1.0s
IFSM
600
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
K/W
Operating and Storage Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-65 to +150
°C
Characteristic
Symbol
Min
MaxUnit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
70
—
V
IR = 10mA
Forward Voltage
VF
—
410
1000
mV
tp <300µs, IF = 1.0mA
tp <300µs, IF = 15mA
Peak Reverse Current
IRM
¾
100
nA
tp < 300µs, VR = 50V
Junction Capacitance
Cj
¾
2.0
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
—5.0
ns
IF = IR = 10mA to IR = 1.0mA,
RL =100W
Notes:
1. Valid Provided that terminals are kept at ambient temperature.
2. Test period <3000ms.
·
Low Turn-on Voltage
·
Fast Switching
·
PN Junction Guard Ring for Transient and
ESD Protection
A
E
J
L
M
B C
H
G
D
K
TOP VIEW
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.19
1.40
C
2.10
2.50
D
0.89
1.05
E
0.45
0.61
G
1.78
2.05
H
2.65
3.05
J
0.013
0.15
K
0.89
1.10
L
0.45
0.61
M
0.076
0.178
All Dimensions in mm
Electrical Ratings
@ TA = 25°C unless otherwise specified
BAS70H Marking: K73
BAS70H-04 Marking: K74
BAS70H-05 Marking: K75
BAS70H-06 Marking: K76
DISCONTINUED -
USE BAS70 SERIES


Similar Part No. - BAS70H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS70H PHILIPS-BAS70H Datasheet
137Kb / 20P
General-purpose Schottky diodes
Rev. 08-4 May 2006
BAS70H NXP-BAS70H Datasheet
224Kb / 20P
General-purpose Schottky diodes
Rev. 09-13 January 2010
BAS70H NXP-BAS70H Datasheet
224Kb / 20P
General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
Rev. 09-13 January 2010
logo
FutureWafer Tech Co.,Lt...
BAS70H FUTUREWAFER-BAS70H Datasheet
2Mb / 18P
Surface Mount Switching Diode
27-DEC-2021 V 2.0
logo
Nexperia B.V. All right...
BAS70H NEXPERIA-BAS70H Datasheet
872Kb / 8P
General-purpose Schottky diode
1 January 2023
More results

Similar Description - BAS70H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com