Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTH6N150 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH6N150
Description  High Voltage Power MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH6N150 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH6N150 Datasheet HTML 1Page - IXYS Corporation IXTH6N150 Datasheet HTML 2Page - IXYS Corporation IXTH6N150 Datasheet HTML 3Page - IXYS Corporation IXTH6N150 Datasheet HTML 4Page - IXYS Corporation IXTH6N150 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2012 IXYS CORPORATION, All Rights Reserved
DS100233B(05/12)
High Voltage
Power MOSFETs
IXTT6N150
IXTH6N150
V
DSS
= 1500V
I
D25
=6A
R
DS(on) ≤
≤≤≤≤
3.5
Ω
Ω
Ω
Ω
Ω
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
1500
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C6
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
24
A
I
A
T
C = 25°C3
A
E
AS
T
C = 25°C
500
mJ
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS,TJ ≤ 150°C
5
V/ns
P
D
T
C = 25°C
540
W
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO247)
1.13 / 10
Nm/lb.in.
Weight
TO-268
4
g
TO-247
6
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
1500
V
V
GS(th)
V
DS = VGS, ID = 250μA
3.0
5.0
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS = 0V
25
μA
T
J = 125°C
250
μA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
3.5
Ω
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Diode
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXTH)
G
S
D (Tab)
D
TO-268 (IXTT)
S
G
D (Tab)
Features
International Standard Packages
Molding Epoxies Weet UL 94 V-0
Flammability Classification
Fast Intrinsic Diode
Low Package Inductance
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
High Voltage Power Supplies
Capacitor Discharge
Pulse Circuits


Similar Part No. - IXTH6N150

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTH6N150 ISC-IXTH6N150 Datasheet
322Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTH6N150

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML100B13 SEME-LAB-SML100B13 Datasheet
21Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
SML100H9 SEME-LAB-SML100H9 Datasheet
26Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
IXYS Corporation
IXTP3N120 IXYS-IXTP3N120 Datasheet
562Kb / 4P
High Voltage Power MOSFETs
IXTA3N120 IXYS-IXTA3N120 Datasheet
102Kb / 4P
High Voltage Power MOSFETs
logo
Advanced Power Technolo...
APT6060AN ADPOW-APT6060AN Datasheet
386Kb / 4P
N-CHANNEL ENHANCEMENT-MODE HIGH VOLTAGE POWER MOSFETS
logo
IXYS Corporation
IXTH3N120 IXYS-IXTH3N120 Datasheet
145Kb / 4P
High Voltage Power MOSFETs
logo
Seme LAB
BFC18 SEME-LAB-BFC18 Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
logo
IXYS Corporation
IXTA02N450HV IXYS-IXTA02N450HV Datasheet
208Kb / 5P
High Voltage Power MOSFETs
IXTH02N250 IXYS-IXTH02N250 Datasheet
244Kb / 5P
High Voltage Power MOSFETs
IXTV03N400S IXYS-IXTV03N400S Datasheet
193Kb / 4P
High Voltage Power MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com