Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP2R4N50P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP2R4N50P
Description  PolarHVTM Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP2R4N50P Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP2R4N50P Datasheet HTML 1Page - IXYS Corporation IXTP2R4N50P Datasheet HTML 2Page - IXYS Corporation IXTP2R4N50P Datasheet HTML 3Page - IXYS Corporation IXTP2R4N50P Datasheet HTML 4Page - IXYS Corporation IXTP2R4N50P Datasheet HTML 5Page - IXYS Corporation IXTP2R4N50P Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2006 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
500
V
V
GSM
Transient
± 40
V
V
GSM
Continuous
± 30
V
I
D25
T
C = 25°C
2.4
A
I
DM
T
C = 25°C, pulse width limited by TJM
4.5
A
I
AR
T
C = 25°C
2.4
A
E
AR
T
C = 25°C8
mJ
E
AS
T
C = 25°C
100
mJ
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/μs, VDD ≤ VDSS,
10
V/ns
T
J
≤ 150°C, R
G = 50 Ω
P
D
T
C = 25°C55
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.062 in.) from case for 10 s
300
°C
T
SOLD
Plastic body for 10 s
260
°C
M
d
Mounting torque
(TO-220)
1.13/10 Nm/lb.in.
Weight
TO-220
4
g
TO-252
0.8
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0 V, ID = 250 μA
500
V
V
GS(th)
V
DS
= V
GS, ID = 25 μA
3.0
5.5
V
I
GSS
V
GS = ± 30 V, VDS = 0 V
± 50
nA
I
DSS
V
DS
= V
DSS
1
μA
V
GS = 0 V
T
J = 125°C50
μA
R
DS(on)
V
GS = 10 V, ID = 0.5 ID25, Note 1
3.75
Ω
PolarHVTM
Power MOSFET
N-Channel Enhancement Mode
Avalanche Rated
Features
International standard packageS
Unclamped Inductive Switching (UIS)
rated
Low package inductance
- easy to drive and to protect
Advantages
Easy to mount
Space savings
High power density
IXTP 2R4N50P
IXTY 2R4N50P
V
DSS
= 500
V
I
D25
=
2.4
A
R
DS(on)
≤≤≤≤≤ 3.75
Ω
Ω
Ω
Ω
Ω
DS99445E(04/06)
G = Gate
D = Drain
S = Source
TAB = Drain
TO-220 (IXTP)
D
(TAB)
G
S
TO-252 AA (IXTY)
G
S
(TAB)


Similar Part No. - IXTP2R4N50P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXTP2R4N50P ISC-IXTP2R4N50P Datasheet
294Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXTP2R4N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN64N50P IXYS-IXFN64N50P Datasheet
58Kb / 2P
PolarHVTM HiPerFETPower MOSFET
IXTA3N60P IXYS-IXTA3N60P Datasheet
227Kb / 4P
PolarHVTM Power MOSFET
IXTQ22N50P IXYS-IXTQ22N50P Datasheet
203Kb / 5P
PolarHVTM Power MOSFET
IXTP14N60P IXYS-IXTP14N60P Datasheet
166Kb / 5P
PolarHVTM Power MOSFET
IXTQ22N60P IXYS-IXTQ22N60P Datasheet
320Kb / 5P
PolarHVTM Power MOSFET N-Channel Enhancement Mode
IXFH30N60P IXYS-IXFH30N60P Datasheet
330Kb / 5P
PolarHVTM HiPerFET Power MOSFET N-Channel Enhancement Mode
IXFX64N60P IXYS-IXFX64N60P Datasheet
175Kb / 5P
PolarHVTM HiPerFET Power MOSFET
IXTP5N60P IXYS-IXTP5N60P Datasheet
125Kb / 4P
PolarHVTM Power MOSFET
IXTQ26N50P IXYS-IXTQ26N50P Datasheet
343Kb / 5P
PolarHVTM Power MOSFET
IXFP5N50PM IXYS-IXFP5N50PM Datasheet
111Kb / 2P
PolarHVTM HiPerFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com