Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11046B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX11046B
Description  8-Channel Simultaneous- Sampling Analog Front End
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11046B Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX11046B Datasheet HTML 1Page - Maxim Integrated Products MAX11046B Datasheet HTML 2Page - Maxim Integrated Products MAX11046B Datasheet HTML 3Page - Maxim Integrated Products MAX11046B Datasheet HTML 4Page - Maxim Integrated Products MAX11046B Datasheet HTML 5Page - Maxim Integrated Products MAX11046B Datasheet HTML 6Page - Maxim Integrated Products MAX11046B Datasheet HTML 7Page - Maxim Integrated Products MAX11046B Datasheet HTML 8Page - Maxim Integrated Products MAX11046B Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Figure 1. The Petaluma subsystem design block diagram.
Features
Competitive Advantages
High precision, 8-channel, simultaneous-sampling inputs
High-speed 250ksps sampling rate
High-accuracy 16-bit resolution
Device drivers
Example C source code
Configuration files for ZedBoard™ platform
FMC-compatible
Applications
Three-phase power measurement
Power grid protection
Multiphase motor control
Vibration and waveform analysis
High-performance energy measurement subsystem
Cost optimized
Energy efficient
Detailed Description of Hardware
The Petaluma subsystem is optimized for applications that use multiple high-speed, high-accuracy, simultaneous-sampling analog
inputs. Figure 1 shows the block diagram of the Petaluma reference design.
The MAX44252 devices (U1 and U2) are quadruple ultra-precision, low-noise op amps. The op amps attenuate and buffer the
±10V input signals to match the input range of the ADC (MAX11046). The MAX44252 devices are set up in the inverting
configuration, so the polarity of the signal is reversed at the input of the ADC. The formula to convert the ADC code to voltage is:
10-CODE/65536*20.
Page 2 of 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com