Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS1022 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZADCS1022
Description  10-Bit, 250ksps, ADC Family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS1022 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZADCS1022 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZADCS1022 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ZADCS1082/1042/1022
10-Bit, 250ksps, ADC Family
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is PRELIMINARY and subject to changes without notice.
ns possible due to
downward compatibility within the family
power
t
ZADCS1282 Kit
or ZMDI ZADCS10x2 Family
S1282 device
ADC resolution............................ 10 Bit
............ 250 ksps
5.25V
ax.
ply
Brief Description
The ZMDI ZADCS1082/ZADCS1042/ZADCS1022
are 10-Bit low power analog-to-digital (A/D)
converters with up to 250ksps conversion rate.
The
converter
is
based
on
successive-
approximation-register architecture.
All converters have an 8-channel input multiplexer
and a high-bandwidth a track/hold circuit. All
analog inputs are software configurable as eight /
four/two single ended or four/two/one differential
analog input channels as well as for unipolar or
bipolar output coding.
The
ZADCS1082/
ZADCS1042/
ZADCS1022
operate from a single +2.7V to +5.25V supply.
The synchronous four wire serial interface
connects directly to a microcontroller using one of
the standards like SPI™, QSPI™, and Microwire™
without external components.
The ZADCS1082/ZADCS1042/ZADCS1022 use
either the external serial-interface clock or an
internally generated clock to perform successive-
approximation analog-to-digital conversions. The
internal clock mode can be used to run
synchronous conversions on several ZMDI ADCs
in parallel.
The “V” versions ZADCS1082V/ZADCS1042V/
ZADCS1022V are equipped with a high accurate
internal 2.5V reference with an additional external
±1.5% voltage adjustment range.
The device provides a hard-wired shut-down pin
(nSHDN) and software-selectable power-down
modes to automatically shut down the IC at the
end of a conversion. Accessing the serial interface
automatically
powers
up
the
ZADCS1082/
ZADCS1042/ZADCS1022. A quick turn-on time
allows the device to be shut down between
measurements.
Features
10-Bit resolution SAR ADC
2/4/8 channel single or 1/2/4 channel diff. inputs
Software configurable uni- or bipolar output code
SPI™/QSPI™, Microwire™ compatible serial
interface
No missing codes
Low power consumption
Internal 2.5V reference (only “V” version -
ZADCS1082V/ ZADCS1042V/ZADCS1022V)
Software programmable power down mode
Single-Supply Operation +2.5V to +5.25V
Benefits
Scalable system solutio
upward/
( 8, 10, 12 bit resolution, 2, 4, 8 channels)
Accurate measurements
Long battery life cycles due to low
consumption
Synchronous sampling with several ZADCS
parts in parallel
Available Suppor
- Evaluation Kit f
based on ZADC
- Standalone and PC based operation modus
- USB 2.0 (1.1) compatible
- User Interface for PC operated modus
l. and FFT analyzer
- Graphical oscilloscope app
Physical Characteristics
Conversion rate...............
Power supply rate ....................... 2.7V to
INL............................................... ±0.4 LSB m
DNL............................................. ±0.4 LSB max.
SINAD ......................................... >61 dB
Standby (idle) current.................. <0.5 µA
Current consumption @ 200 ksps, 3V sup
- with internal reference .............. < 1.2 mA
- without internal reference ......... < 0.9 mA
85°C
Temperature range ..................... -25°C to +
14 / 16 / 20-Pin SSOP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com