Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT400 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT400
Description  0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT400 Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT400 Datasheet HTML 1Page - Diodes Incorporated BAT400 Datasheet HTML 2Page - Diodes Incorporated BAT400 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30182 Rev. 7 - 2
2 of 3
BAT400D
0
0.2
0
60
90
150
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Forward Current Derating Curve
0.4
0.6
30
120
10m
1m
100m
1
1
m
00.60
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 2 Typical Forward Characteristics
0.10
0.20
0.30
0.40
0.50
10
m
100
m
T= +125
°C
A
T = +75
°C
A
T = +25
°C
A
T = -25
°C
A
1m
10m
010
20
25
35
40
15
5.0
30
V , REVERSE VOLTAGE (V)
R
Fig.3 Typical Reverse Characteristics
T = +25°C
A
T = +75°C
A
T = +125°C
A
0
10
100
V , REVERSE VOLTAGE (V)
R
Fig. 4 Typical Total Capacitance
vs. Reverse Voltage
1000
510
25
20
f= 1 MHz
15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com