Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB1 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # ZLED-PCB1
Description  40V LED Driver with Internal Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED-PCB1 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button ZLED-PCB1 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ZLED7000
40V LED Driver with Internal Switch
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
14 of 19
The following calculation example yields an operating frequency of 122kHz and a duty cycle of 0.33:
Input data: VIN=12V, L=220μH, rL=0.48Ω, VLED=3.4V, IAVG =333mA and VD =0.36V

s
47
.
5
3
.
0
48
.
0
A
333
.
0
V
36
.
0
V
4
.
3
A
333
.
0
3
.
0
H
220
TOFF
(5)
And

s
73
.
2
9
.
0
48
.
0
3
.
0
A
333
.
0
V
4
.
3
V
12
A
333
.
0
3
.
0
H
220
T
ON
(6)
3.2
External Component – Capacitor C1
To improve system efficiency, use a low-equivalent-series-resistance (ESR) capacitor for input decoupling
because this capacitor must pass the input current AC component. The capacitor value is defined by the
target maximum ripple of the supply voltage; the value is given by equation (7).
MAX
ON
F
MIN
V
T
I
C
(7)
Where
IF
Value of output current
ΔVMAX
Maximum ripple of power supply
TON
Maximum ON time of MOSFET
In the case of an AC supply with a rectifier, the capacitor value must be chosen high enough to make sure
that the DC voltage does not drop below the maximum forward voltage of the LED string plus some margin for
the voltage drops across the coil resistance, shunt resistor, and ON resistance of the switching transistor.
Recommendation: Use capacitors with X5R, X7R, or better dielectric for maximum stability over temperature
and voltage. Do not use Y5V capacitors for decoupling in this application. For higher capacitance values,
aluminum electrolytic caps with high
switching capability should be used. In this case, improved perfor-
mance can be reached by an additional X7R/X5R bypass capacitor of at least 100nF.
3.3
External Component – Diode D1
For the rectifier D1, select a high-speed, low-capacitance Schottky diode with low reverse leakage at the
maximum operating voltage and temperature to ensure maximum efficiency and performance.
Important: Choose diodes with a continuous current rating higher than the maximum output load current and a
peak current rating above the peak coil current. When operating above 85°C, the reverse leakage of the diode
must be addressed because it can cause excessive power dissipation in the ZLED7000.
Note: Silicon diodes have a greater forward voltage and overshoot caused by reverse recovery time, which
can increase the peak voltage on the LX output. Ensure that the total voltage appearing on the LX pin,
including supply ripple, is within the specified range (see Table 1.1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com