Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB2 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # ZLED-PCB2
Description  Universal LED Driver with Temperature Compensation
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED-PCB2 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button ZLED-PCB2 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED-PCB2 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED-PCB2 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED-PCB2 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED-PCB2 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED-PCB2 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED-PCB2 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED-PCB2 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED-PCB2 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ZLED7001
Universal LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
15 of 15
5
Ordering Information
Product Sales Code Description
Package
ZLED7001-ZI1R
ZLED7001 – Universal LED Driver with Temperature Compensation
SOP8 (Tape & Reel)
ZLED7001Kit-E1
ZLED7001 Evaluation Board up to 24VAC / 40VDC, including 1 ZLED-
PCB1
Kit
ZLED-PCB1
Test PCB with one 3W white HB-LED, cascadable to one multiple LED
string
Printed Circuit Board
ZLED-PCB2
10 unpopulated test PCBs for modular LED string with footprints of 9
common HB-LED types
Printed Circuit Board
6
Document Revision History
Revision
Date
Description
1.0
June 2, 2010
Production release version
1.1
August 12, 2010
Removed references to thermal shutdown protection in “Features” section and in
section 2.9. Updated contact information
Updated block diagram connection for correct PWMD internal connection.
Sales and Further Information
www.zmdi.com
LED_Drivers@zmdi.com
Zentrum Mikroelektronik
Dresden AG (ZMD AG)
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
8413 Excelsior Drive
Suite 200
Madison, WI 53717
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Phone
+49 (0)351.8822.7.533
Fax
+49(0)351.8822.8.7533
Phone
+1 (608) 829-1987
Fax
+1 (631) 549-2882
Phone
+81.3.6895.7410
Fax
+81.3.6895.7301
Phone
+886.2.2377.8189
Fax
+886.2.2377.8199
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Zentrum Mikroelektronik Dresden
AG (ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate.
However, under no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind
or nature whatsoever arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to
any customer, licensee or any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any damages in connection with
or arising out of the furnishing, performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com