Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB1 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ZLED-PCB1
Description  40V LED Driver with Temperature Compensation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED-PCB1 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ZLED-PCB1 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZLED-PCB1 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ZLED7010
40V LED Driver with Temperature Compensation
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes
without notice.
20 of 23
6
ESD/Latch-Up-Protection
All pins have an ESD protection of >± 2000V according the Human Body Model (HBM) except for pin 8, which
has a protection level of >± 1000V. The ESD test follows the Human Body Model with 1.5 kΩ/100 pF based on
MIL 883-G, Method 3015.7.
Latch-up protection of >± 100mA has been proven based on JEDEC No. 78A Feb. 2006, temperature class 1.
7
Pin Configuration and Package
Figure 7.1
Pin Configuration ZLED7010
LX
GND
ADJI
ADJO
RNTC
RTH
ISENSE
VIN
Table 4.1
Pin Description SOP-8
Pin
Name
No.
Description
VIN
1
Supply voltage (6V to 40V)—see section 8 for layout considerations.
ISENSE
2
Nominal average output current is set by the value of a resistor RS connected from ISENSE to VIN.
See section 2.3.1 for details.
RTH
3
Threshold input from external temperature sensing network. Sets the starting temperature of
temperature compensation via an external resistor. See section 4.4 for details.
RNTC
4
NTC input from external temperature sensing network. See section 4.4 for details.
ADJO
5
Output for control signal for LED driver chain applications
ADJI
6
Output current control pin—see section 2.3 for details
GND
7
Ground (0V)—see section 8.4 for layout considerations
LX
8
Power switch drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com