Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT43WS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT43WS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT43WS Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT43WS Datasheet HTML 1Page - Diodes Incorporated BAT43WS Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30100 Rev. 7 - 2
2 of 2
BAT42WS / BAT43WS
10
0
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig.3 Typical Reverse Characteristics
R
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
100
10
1.0
0.1
0.01
1000
0.1
1.0
10
100
0
200
400
600
800
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics
F
T = -25ºC
A
T = 25ºC
A
T = 125ºC
A
T = 75ºC
A
0
0
20
40
25
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
60
80
100
T = 125 C
j
°
1.0
10
100
015
10
25
30
35
20
40
V , REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
5.0
T = 25 C
j
°
f = 1MHz
Notes:
2. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
BAT42WS-7/BAT43WS-7
SOD-323
3000/Tape & Reel
Ordering Information (Note 2)
Marking Information
XX
XX = Product Type Marking Code
See Sheet 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com