Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB8 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ZLED-PCB8
Description  High Current 40V LED Driver with Switch Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED-PCB8 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ZLED-PCB8 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED-PCB8 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED-PCB8 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED-PCB8 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED-PCB8 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED-PCB8 Datasheet HTML 14Page - List of Unclassifed Manufacturers ZLED-PCB8 Datasheet HTML 15Page - List of Unclassifed Manufacturers ZLED-PCB8 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZLED-PCB8 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ZLED7030
High Current 40V LED Driver with Switch Dimming
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev.1.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
13 of 23
Rs
V
1
.
0
I
OUTnom =
Rs
V
1
.
0
K
I
X
dim
OUT
∗
=
2
Circuit Description
2.1
ZLED7x30 Overview
The ZLED7x30 is a continuous-mode inductive step-down converter LED driver for driving single or multiple
series-connected LEDs from a voltage input higher than the LED voltage (Vin = 8.5 to 40VDC; see section 3.2.2
for important details). The ZLED7x30 provides an adjustable output current (1.2A maximum for ZLED7030; 1.0A
maximum for ZLED7330; 0.75A maximum for ZLED7530; 0.35A maximum for ZLED7730) , which is nominally set
via an external sense resistor Rs and controlled by the ZLED7x30’s integrated high-side output current-sensing
circuit and output switch. The ZLED7x30 detects external switching action on the supply line to adjust the output
current in different modes on different levels.
Only a resistor, a diode, an inductor, and three capacitors are needed for a typical basic application. Refer to the
application circuits in section 3 for the location of the components referred to in the following sections.
2.2
Control of Output Current via External Sense Resistor Rs
External sense resistor Rs, which is connected between the VIN and ISENSE pins as shown in Figure 3.1, sets
IOUTnom, the nominal average output current. Equation (1) can be used to calculate the nominal output current,
which is the LX switch output current ILX if no switch dimming condition is valid. See section 3.3.1 for recom-
mended values for Rs in a typical basic application and section 3.4 for layout guidelines for Rs.
(1)
2.3
Multi-Mode Switch Dimming
The ZLED7x30 detects external switching action on the supply line to adjust output current, allowing dimming
functionality to be achieved without changing the original lighting system circuitry. The switch dimming is imple-
mented in either two-level mode or three-level mode. The output current of each level and the total number of
levels are customer selected by setting the corresponding input conditions on the DIM1 and DIM2 pins. See
page 2 for a typical application using the DIM1 and DIM2 pins.
The output current is set at the initial 100% value determined by the sense resistor Rs the first time that power is
supplied to the chip. After the initial power up sequence, the chip adjusts the output current according to the
external switch action. After the lowest current level, the current cycles back to the initial value if subsequent
switch action is detected. If the power is switched off for longer than 2 seconds, the device will return to its initial
state and the output current will be set to the initial value the next time that power is applied.
There are two types of switch action: a normal switch, which has an off-time between each subsequent switch
action longer than 2s, and a dimming switch, which has an off-time between each subsequent switch less than 2s.
The dimmed average output current is given by
(2)
Where



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com