Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED7330 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ZLED7330
Description  High Current 40V LED Driver with Switch Dimming
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7330 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ZLED7330 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7330 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ZLED7330
High Current 40V LED Driver with Switch Dimming
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev.1.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
5 of 23
List of Figures
Figure 1.1
ZLED7x30 Supply Operating Current vs. Input Supply Voltage (VIN = 8.5 to 40V) ......................................... 8
Figure 1.2
Efficiency (%) vs. Input Supply Voltage (VIN = 8.5 to 40V) Per Number of LEDs (Rs=0.10 , L1=47µH)........ 8
Figure 1.3
Efficiency vs. Input Supply Voltage (VIN = 8.5 to 40V) Per Number of LEDs (Rs=0.15 , L1=47µH) .............. 9
Figure 1.4
Efficiency vs. Input Supply Voltage (VIN = 8.5 to 40V)
Per Number of LEDs (Rs=0.30 , L1=47µH)............. 9
Figure 1.5
Output Current Variation vs. Input Supply Voltage (VIN = 8.5 to 40V) Per Number of LEDs
(Rs=0.15 , L1=47
µH) .................................................................................................................................. 10
Figure 1.6
Sense Voltage vs. Operating Temperature (Rs=0.10 , L1=47
µH, VIN = 40 V) ............................................ 10
Figure 1.7
Switch Dimming Waveform (Dimming Mode 2) ............................................................................................ 11
Figure 1.8
LED Open-Circuit Protection (Rs=0.30 , L1=47
µH, VIN = 24 V) .................................................................. 12
Figure 3.1
ZLED7x30 Application Circuit for Switch Dimming ....................................................................................... 15
Figure 3.2
Basic ZLED7x30 Application Circuit with Output Current Determined only by Rs ........................................ 15
Figure 3.3
ZLED7x30 Application Circuit using a Halogen Electronic Transformer to Operate with AC Line Supply .... 16
Figure 5.1
ZLED7x30 Pin Configuration ........................................................................................................................ 21
List of Tables
Table 2.1
Dimming Configuration Options.................................................................................................................... 14
Table 3.1
Recommended Values for Sense Resistor Rs.............................................................................................. 17
Table 5.1
ZLED7x30 Pin Descriptions—SOP-8 Package............................................................................................. 21
Table 5.2
Package Dimensions SOP-8 ........................................................................................................................ 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com