Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSC31015
Description  RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31015 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSC31015 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSC31015 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
ZSC31015
RBicdLite™ Analog Output Sensor Signal Conditioner w/ Diagnostic Features
Data Sheet
October 28, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 2.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 52
1.3.
Electrical Parameters
Table 1.3
Supply/Regulation Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
2.7
5.0
5.5
V
Supply Current (varies with
update rate and output mode)
IDD
At minimum update rate
0.25
mA
At maximum update rate
1.0
1.4
Temperature Coefficient
– PTAT
Source
*
TCPTAT
20
100
ppm/K
Power Supply Rejection Ratio
*
PSRR
60
dB
Power-On Reset Level
POR
1.4
2.6
V
Table 1.4
Parameters for Analog Front-End (AFE)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Leakage Current Pin VBP,VBN
IIN_LEAK
Sensor connection and short
check must be disabled.
10
nA
Table 1.5
Parameters for EEPROM
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Number Write Cycles
nWRI_EEP
At 150
C
100
Cycles
At 85
C
100k
Cycles
Data Retention
tWRI_EEP
At 100
C
10
Years
Table 1.6
Parameters for A/D Converter
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ADC Resolution
rADC
14
Bit
Integral Nonlinearity (INL)
1
INLADC
Based on ideal slope
-4
+4
LSB
Differential Nonlinearity (DNL)
*
DNLADC
-1
+1
LSB
1)
Note: This is
 4 LSBs for the 14-bit A-to-D conversion. This results in absolute accuracy to 12-bits on the A-to-D result. Non-linearity is
typically better at temperatures less than 125°C.
* No verification in mass production; parameter is guaranteed by design and/or quality observation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com