Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT54C
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54C Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT54C Datasheet HTML 1Page - Diodes Incorporated BAT54C Datasheet HTML 2Page - Diodes Incorporated BAT54C Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS11005 Rev. 12 - 2
2 of 3
BAT54 /A /C /S
0
100
025
50
75
100
125
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
200
0.1
1
1000
100
10
0
100
200
300
400
600
500
T , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig.2,Typical Forward Characteristics
j
T = -25°C
A
T = +25°C
A
T = +125°C
A
T = +100°C
A
0.1
1
1000
100
10
0
50
100
150
T , JUNCTION TEMPERATURE ( )
Fig.3,Typical Reverse Characteristics
j
°C
V = 25V
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com