Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSLS7031 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSLS7031
Description  Isolated and Non-isolated Flyback LED Driver with Active PFC
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSLS7031 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSLS7031 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSLS7031 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSLS7031 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSLS7031 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSLS7031 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSLS7031 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSLS7031 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSLS7031 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSLS7031 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ZSLS7031
Isolated and Non-isolated Flyback LED Driver with Active PFC
Data Sheet
May 7, 2013
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev.1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 21
IEC 61000-3-2 2001
Test result
Figure 1.5 THD of VIN=110V (Output: VOUT=40V,
IOUT=0.45A)
Figure 1.6 THD of VIN=230V (Output: VOUT=40V,
IOUT=0.45A)
IEC 61000-3-2 2001
Test result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com