Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31150FLD-R Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSC31150FLD-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FLD-R Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSC31150FLD-R Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSC31150FLD-R Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
9 of 24
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.3.7.6
Ratiometricity Error
REOUT_5
maximum error of
VDDE=5V to 4.5/5.5V
1000
ppm
1.3.7.7
Overall failure (deviation
from ideal line including
INL, gain, offset & temp
errors)
FALL TQI
FALL TQA
FALL TQE
13Bit 2
nd order ADC,
fCLK<=3MHz,
XZC=0
1,
no sensor caused effects;
inside of parenthesis:
digital readout
0.25 (0.1)
0.5 (0.25)
1.0 (0.5)
% FS
1.4.
Interface Characteristics & EEPROM
No.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
1.4.1. I²C
TM Interface (refer 'ZSC31150 Functional Description' for timing details)
1.4.1.1
Input-High-Level
2
VI²C_IN_H
0.8
VDDA
1.4.1.2
Input-Low-Level
2
VI²C_IN_L
0.2
VDDA
1.4.1.3
Output-Low-Level
2
VI²C_OUT_L
Open Drain, IOL<2mA
0.15
VDDA
1.4.1.4
SDA load capacitance
2
CSDA
400
pF
1.4.1.5
SCL clock frequency
2
fSCL
400
kHz
1.4.1.6
Internal pull-up resistor
2
RI²C
25
100
k
1.4.2. ZACwire™ One Wire Interface (OWI)
1.4.2.1
Input-Low-Level
2
VOWI_IN_L
0.2
VDDA
1.4.2.2
Input-High-Level
2
VOWI_IN_H
0.75
VDDA
1.4.2.3
Output-Low-Level
2
VOWI_OUT_L
Open Drain, IOL<2mA
t.b.d.
VDDA
1.4.2.4
Start Window
2
typ: @ fCLK=3MHz
96
175
455
ms
1.4.3. EEPROM
1.4.3.1
Ambient temperature
EEPROM programming
2
TAMB_EEP
-40
150
C
1.4.3.2
Write cycles
2
nWRI_EEP
@write <= 85°C
@write up to 150°C
100k
100
1.4.3.3
Read cycles
2
nREAD_EEP
<=175°C
3
8 * 10
8
1.4.3.4
Data retention
2
tRET_EEP
1300h @ 175°C
4
(=100000h@55°C &
27000h@125°C &
3000h@150°C)
15
a
1.4.3.5
Programming time
2
tWRI_EEP
per written word,
fCLK=3MHz
12
ms
1
XZC is active: additional overall failure of 25ppm/K for XZC=31 in maximum, failure decreases linear for XZC adjusts lower than 31
2
No measurement in mass production, parameter is guaranteed by design and/or quality observation.
3
valid for the dice, notice additional package and temperature version caused restrictions
4
over lifetime and valid for the dice, use calculation sheet 'ZMDI Temperature Profile Calculation Sheet' for temperature stress
calculation, notice additional package and temperature version caused restrictions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com