Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDCL015M33R Datasheet(PDF) 4 Page - STMicroelectronics

Part # LDCL015M33R
Description  150 mA capless ultra low drop linear regulator ICs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDCL015M33R Datasheet(HTML) 4 Page - STMicroelectronics

  LDCL015M33R Datasheet HTML 1Page - STMicroelectronics LDCL015M33R Datasheet HTML 2Page - STMicroelectronics LDCL015M33R Datasheet HTML 3Page - STMicroelectronics LDCL015M33R Datasheet HTML 4Page - STMicroelectronics LDCL015M33R Datasheet HTML 5Page - STMicroelectronics LDCL015M33R Datasheet HTML 6Page - STMicroelectronics LDCL015M33R Datasheet HTML 7Page - STMicroelectronics LDCL015M33R Datasheet HTML 8Page - STMicroelectronics LDCL015M33R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Pin configuration
LDCL015
4/17
DocID022166 Rev 3
2
Pin configuration
Figure 2. Pin connections (top view)
Table 2. Pin description
Pin n°
Symbol
Name and function
1VIN
Input voltage
2
GND
Ground
3
EN
Enable pin. The device is in OFF state when this pin is pulled low
4
ADJ/NC
Feedback pin for adjustable version.Not connected on fixed version
5VOUT
Output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com