Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4095 Datasheet(PDF) 5 Page - NEC

Part # 2SC4095
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4095 Datasheet(HTML) 5 Page - NEC

  2SC4095 Datasheet HTML 1Page - NEC 2SC4095 Datasheet HTML 2Page - NEC 2SC4095 Datasheet HTML 3Page - NEC 2SC4095 Datasheet HTML 4Page - NEC 2SC4095 Datasheet HTML 5Page - NEC 2SC4095 Datasheet HTML 6Page - NEC 2SC4095 Datasheet HTML 7Page - NEC 2SC4095 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
2SC4095
RECOMMENDED SOLDERING CONDTITIONS
The following conditions (see table below) must be met then soldering this product. Please consult with our sales
offices in case other soldering process is used, or in case soldering is done under different contions.
TYPES OF SURFACE MOUNT DEVICE
For more details, refer to our document “SMT MANUAL” (IEI-1207).
2SC4095
Soldering process
Soldering conditions
Symbol
Infrared ray reflow
Peak package’s surface temperature: 230
C or below,
Reflow time:
30 seconds or below (210
C or higher),
Number of reflow process:
1, Exposure limit*: None
IR30-00-1
VPS
Peak package’s surface temperature: 215
C or below,
Reflow time:
40 seconds or below (200
C or higher),
Number of reflow process:
1, Exposure limit*: None
VP15-00-1
Wave soldering
Solder temperature:
260
C or below,
Flow time:
10 seconds or below,
Number of reflow process:
1, Exposure limit*: None
WS60-00-1
Partial heating method
Terminal temperature:
300
C or below,
Flow time:
3 seconds or below,
Exposure limit*:
None
*: Exposure limit before soldering after dry-pack package is opened.
Storage conditions: 25
C and relative humidity at 65 % or less.
Note: Do not apply more than a single process at once, except for “Partial heating method”.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com