Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV20WS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV20WS
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV20WS Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV20WS Datasheet HTML 1Page - Diodes Incorporated BAV20WS Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS30119 Rev. 7 - 2
1 of 2
BAV19WS - BAV21WS
BAV19WS - BAV21WS
SURFACE MOUNT FAST SWITCHING DIODE
Features
·
Case: SOD-323, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Terminal Connections: Cathode Band, See
Page 2
·
BAV19WS Marking: A8 or T2 or T3
·
BAV20WS Marking: T2 or T3
·
BAV21WS Marking: T3
·
Weight: 0.004 grams (approx.)
Mechanical Data
Characteristic
Symbol
BAV19WS
BAV20WS
BAV21WS
Unit
Repetitive Peak Reverse Voltage
VRRM
120
200
250
V
Working Peak Reverse Voltage
DC Blocking Voltage
VRWM
VR
100
150
200
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current (Note 1)
IFM
400
mA
Average Rectified Output Current (Note 1)
IO
200
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
ms
@ t = 1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Surge Current
IFRM
625
mA
Power Dissipation
Pd
200
mW
Thermal Resistance Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
Note:
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
Characteristic
Symbol
Min
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
BAV19WS
BAV20WS
BAV21WS
V(BR)R
120
200
250
¾
V
IR = 100
mA
Forward Voltage (Note 2)
VFM
¾
1.0
1.25
V
IF = 100mA
IF = 200mA
Peak Reverse Current
@ Rated DC Blocking Voltage (Note 2)
IRM
¾
100
15
NA
mA
Tj = 25
°C
Tj = 100
°C
Total Capacitance
Ct
¾
5.0
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾
50
ns
IF = IR = 30mA,
Irr = 0.1 x IR,RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Fast Switching Speed
·
Surface Mount Package Ideally Suited for
Automatic Insertion
·
For General Purpose Switching Applications
·
High Conductance
A
B
C
D
E
G
a
H
J
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.60
1.80
C
1.20
1.40
D
1.05 Typical
E
0.25
0.35
G
0.20
0.40
H
0.10
0.15
J
0.05 Typical
a
0
°
8
°
All Dimensions in mm


Similar Part No. - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV20WS PANJIT-BAV20WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
General Semiconductor
BAV20WS GE-BAV20WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV20WS DIOTEC-BAV20WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Won-Top Electronics
BAV20WS WTE-BAV20WS Datasheet
48Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Rectron Semiconductor
BAV20WS RECTRON-BAV20WS Datasheet
141Kb / 3P
SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
More results

Similar Description - BAV20WS

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com