Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASA03F24-LS Datasheet(PDF) 1 Page - Artesyn Technologies

Part # ASA03F24-LS
Description  Electrical Specifications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

ASA03F24-LS Datasheet(HTML) 1 Page - Artesyn Technologies

  ASA03F24-LS Datasheet HTML 1Page - Artesyn Technologies ASA03F24-LS Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER
Total Power:
10Watts
Input Voltage: 24Vor48V
# of Outputs:
Single
Special featureS
ƒ
ƒ
Encapsulated
ƒ
ƒ
Wideƒ2:1ƒinputƒrange
ƒ
ƒ
1.25”ƒxƒ0.8”ƒDIPƒpackage
ƒ
ƒ
1500ƒVdcƒI/Oƒisolation
ƒ
ƒ
Singleƒoutputƒ
Safety
ƒ
ƒ
ULƒ60950-1ƒ
ƒ
ƒ
CEƒMark
Electrical Specifications
Input
Input range:
18 to 36 VDC; 36 to 75 VDC
Efficiency:
83% @ 12 Vo
Output
Voltage tolerance:
±2.0%
Line regulation:
±0.8%
Load regulation:
±1.2%
Noise/ripple:
100 mV for 2.5 Vo,
3.3 Vo and
5.0 Vo
120 mV for 12 Vo
Short circuit protection:
Auto-restart
Switching frequency:
350 KHz
Temperature coefficient:
±0.02 /°C
Isolation
I/O isolation
1500 VDC min.
Insulation resistance:
10 Mohm
Insulation capacitance:
1000 pF
Data Sheet
Environmental Specifications
Operatingƒambientƒtemperatureƒrange:
-40°C to +60°C (no derating)
Storageƒtemperature:
-55 °C to +105 °C
Humidity:
5% to 95% (non-condensing)
MTBF:
1 Mhrs demonstrated MTBF
RoHSƒCompliant
ASA Series
10ƒWatts


Similar Part No. - ASA03F24-LS

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ASA03F24-L ASTEC-ASA03F24-L Datasheet
94Kb / 2P
10 Watts
ASA03F24-L ASTEC-ASA03F24-L Datasheet
115Kb / 2P
Short circuit protection
More results

Similar Description - ASA03F24-LS

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404344 HITACHI-HD404344 Datasheet
797Kb / 22P
ELECTRICAL SPECIFICATIONS
HD6433258P10 HITACHI-HD6433258P10 Datasheet
797Kb / 22P
ELECTRICAL SPECIFICATIONS
logo
Bel Fuse Inc.
S560-6600-FU BEL-S560-6600-FU Datasheet
167Kb / 2P
ELECTRICAL SPECIFICATIONS
S560-6600-GM BEL-S560-6600-GM Datasheet
118Kb / 2P
ELECTRICAL SPECIFICATIONS
S560-6600-HA BEL-S560-6600-HA Datasheet
157Kb / 2P
ELECTRICAL SPECIFICATIONS
logo
Emerson Network Power
MP6-2E-2E-00 EMERSON-NETWORKPOWER-MP6-2E-2E-00 Datasheet
1Mb / 8P
Electrical Specifications
logo
Wurth Elektronik GmbH &...
749023015 WURTH-749023015 Datasheet
273Kb / 1P
ELECTRICAL SPECIFICATIONS
749023016 WURTH-749023016 Datasheet
146Kb / 1P
ELECTRICAL SPECIFICATIONS
logo
ECS, Inc.
ECS-200-CDX-0778 ECS-ECS-200-CDX-0778 Datasheet
120Kb / 1P
ELECTRICAL SPECIFICATIONS
logo
New Jersey Semi-Conduct...
S1020L NJSEMI-S1020L Datasheet
1Mb / 2P
Electrical Specifications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com