Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC857BW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BC857BW
Description  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC857BW Datasheet(HTML) 2 Page - Diodes Incorporated

  BC857BW Datasheet HTML 1Page - Diodes Incorporated BC857BW Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30251 Rev. A-2
2 of 2
BC856AW - BC858CW
Electrical Characteristics
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage (Note 3)
BC856
BC857
BC858
V(BR)CBO
-80
-50
-30
—
—
—
—
—
—
V
IC = 10
mA, IB = 0
Collector-Emitter Breakdown Voltage (Note 3)
BC856
BC857
BC858
V(BR)CEO
-65
-45
-30
—
—
—
—
—
—
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage (Note 3)
V(BR)EBO
-5
—
—
V
IE = 1
mA, IC = 0
DC Current Gain (Note 3)
Current Gain Group A
B
C
hFE
125
220
420
180
290
520
250
475
800
—
VCE = -5.0V, IC = -2.0mA
Collector-Emitter Saturation Voltage (Note 3)
VCE(SAT)
—
-75
-250
-300
-650
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Saturation Voltage (Note 3)
VBE(SAT)
—
—
-700
-850
—
-950
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Voltage (Note 3)
VBE(ON)
-600
—
-650
—
-750
-820
mV
VCE = -5.0V, IC = -2.0mA
VCE = -5.0V, IC = -10mA
Collector-Cutoff Current (Note 3)
ICBO
ICBO
—
—
—
—
-15
-4.0
nA
µA
VCB = -30V
VCB = -30V, TA = 150°C
Gain Bandwidth Product
fT
100
200
—
MHz
VCE = -5.0V, IC = -10mA,
f = 100MHz
Collector-Base Capacitance
CCBO
—3
4.5
pF
VCB = -10V, f = 1.0MHz
Noise Figure
NF
—
—
10
dB
VCE = -5.0V, IC = 200µA,
RS = 2k
W, f = 1kHz,
Df = 200Hz
Notes:
3. Short duration pulse test to minimize self-heating effect.
@ TA =25°C unless otherwise specified
XXX = Product Type Marking Code (See Page 1), e.g. K3A = BC856AW
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
XXX
Marking Information
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
*xx = device type, e.g. BC856AW-7.
Device
Packaging
Shipping
BC85xxW-7*
SOT-323
3000/Tape & Reel
Ordering Information (Note 4)
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
12
3
4
5
6
7
89
O
N
D
Year
1998
1999
2000
2001
2002
2003
2004
Code
JK
LM
N
PR
Date Code Key



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com