Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APF10312 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # APF10312
Description  Compliant with European standards 1a/1c 6A Slim power relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

APF10312 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  APF10312 Datasheet HTML 1Page - Panasonic Semiconductor APF10312 Datasheet HTML 2Page - Panasonic Semiconductor APF10312 Datasheet HTML 3Page - Panasonic Semiconductor APF10312 Datasheet HTML 4Page - Panasonic Semiconductor APF10312 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PF (APF)
ASCTB205E 201202-T
SAFETY STANDARDS
NOTES
For Cautions for Use.
Certification
authority
File No.
Applicable standard
Rating
Remarks
UL/C-UL
E120782
UL508, CSA C22.2 No.14
UL1604 (class I, Division 2, Group A, B, C, D)
277V AC 8A, General use,
24V DC 6A, General use,
B300, R300 (Pilot Duty)
VDE
40027672
EN/IEC 61810-1
250V AC 6A (cos
φ = 1.0) 85°C 185°F
N.O. side, N.C. side
250V AC 8A (cos
φ = 1.0) 25°C 77°F
N.O. side
Insulation: Reinforced insulation between contact
and coil.
Resistance to heat and fire; EN60335-1, clause
30 (GWT) approved.
Usage, transport and storage
conditions
1) Temperature:
–40 to +85
°C –40 to +185°F
2) Humidity: 5 to 85% RH
(Avoid freezing and condensation.)
The humidity range varies with the
temperature. Use within the range
indicated in the graph below.
3) Atmospheric pressure: 86 to 106 kPa
Temperature and humidity range for
usage, transport, and storage
4) Condensation
Condensation forms when there is a
sudden change in temperature under
high temperature and high humidity
conditions. Condensation will cause
deterioration of the relay insulation.
5) Freezing
Condensation or other moisture may
freeze on the relay when the
temperatures is lower than 0
°C 32°F.This
causes problems such as sticking of
movable parts or operational time lags.
6) Low temperature, low humidity
environments
The plastic becomes brittle if the relay is
exposed to a low temperature, low
humidity environment for long periods of
time.
85
5
Humidity, %RH
Tolerance range
(Avoid
condensation
when used at
temperatures
higher than
0
°C 32°F)
(Avoid freezing
when used at
temperatures
lower than
0
°C 32°F)
85
0
–40
+185
+32
–40
Temperature,
°C °F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com