Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3122 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZSSC3122
Description  Low Voltage Capacitive Sensor Signal Conditioner
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3122 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZSSC3122 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSSC3122 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSSC3122 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSSC3122 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSSC3122 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3122 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3122 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3122 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3122 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
ZSSC3122
cLite™ Low Voltage Capacitive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev.1.20
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used
without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes
without notice.
21 of 63
Figure 3.1
General Operation
UPDATE MODE
(I
2C, SPI, PDM, or Alarms)
SLEEP MODE
(I
2C, SPI, or Alarms)
Command
Received
Command
Received
(I
2C/SPI
only)
No
Command Mode
(No measurement cycle.
Full command set is available.)
Yes
Start_NOM
No, after Command Window expires (3ms / 10ms)
Command = Start_CM?
MR
Measurement Request
DF
Data Fetch
Command
Received.
Command =
Start_NOM?
Execute
Command
Update Rate Period
Over or Command
Received?
Update
Period
Over
Yes
Perform Measurement
No
Fetch Data
Normal Operation Mode
Perform initial measurement.
Start_CM
Command
Received
Power Down
(Wait for command)
Command =
I
2C DF or
SPI DF?
Fetch Data
Command =
I
2C MR or
SPI MR?
No
Yes
Power Down
(Wait for command.)
No
Yes
Perform Measurement
Yes
Command =
I
2C DF or
SPI DF?
Update Digital Output
Register, PDMs, & Alarms
Power-On Reset
Update Digital Output
Register & Alarms
Power Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com