Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

694-3-R20KD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 694-3-R20KD
Description  Isolated, bussed and other circuits Thin film resistor network
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

694-3-R20KD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  694-3-R20KD Datasheet HTML 1Page - List of Unclassifed Manufacturers 694-3-R20KD Datasheet HTML 2Page - List of Unclassifed Manufacturers 694-3-R20KD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BI Technologies Corporation
4200 Bonita Place
Fullerton, CA 92835 USA
Website: www.bitechnologies.com
May 29, 2008
page 1 of 3
BI technologies
MODELS 694, 698, 699
MODELS 694, 698, 699
MODELS 694, 698, 699
MODELS 694, 698, 699
Isolated, bussed and other circuits
Thin film resistor network
0.300” PDIP packages
RoHS compliant available
FEATURES
FEATURES
FEATURES
FEATURES
Precision Nichrome Resistors on Ceramic
Passivation coating provides protection in humid environments
Excellent frequency response
Excellent long term resistance stability
Industry Standard Packaging
JEDEC 95, MS-001
(Plastic DIP 0.300 inch wide in 8, 14 and 16 lead pin counts)
Ratio Tolerances
< ± 0.05%
TCR Tracking Tolerances
< ± 5 ppm/°C
SCHEMATICS
SCHEMATICS
SCHEMATICS
SCHEMATICS
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
1
1
1
1
Standard Resistance Range
2
1K ohms to 100K ohms (Isolated)
1K ohms to 45K ohms (Bussed)
TCR
3
± 25 ppm/°C
TCR Tracking
3
± 5 ppm/°C
Operating Temperature Range
-55°C to +125°C
Interlead Capacitance
< 2pF
Insulation Resistance
≥ 10,000 Megohms
Maximum Operating Voltage
100 Vdc or √ PR
Noise, Maximum (MIL-STD-202, Method 308)
-40 dB
Resistor Power Rating at 70°C
0.1 Watts
1
Specifications subject to change without notice.
2
E96 codes available.
3 Standard limits for all resistance codes.


Similar Part No. - 694-3-R20KD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
694-3-R100KD ETC-694-3-R100KD Datasheet
144Kb / 3P
Isolated, bussed and other circuits Thin film resistor network 0.300??PDIP packages
More results

Similar Description - 694-3-R20KD

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRN101 CALMIRCO-PRN101 Datasheet
51Kb / 3P
BUSSED RESISTOR NETWORK
NCC CALMIRCO-NCC Datasheet
56Kb / 1P
BUSSED RESISTOR NETWORK
logo
Bi technologies
SQS16AXXXXFSLF13 BITECH-SQS16AXXXXFSLF13 Datasheet
104Kb / 3P
Thin Film Resistor Network Isolated and Bussed Circuits RoHS compliant available
694 BITECH-694_12 Datasheet
251Kb / 3P
Isolated, bussed and other circuits
logo
List of Unclassifed Man...
668-A-1001F ETC-668-A-1001F Datasheet
135Kb / 3P
Isolated and bussed circuits Thin film resistor network 0.150??SOIC packages RoHS compliant available
694-3-R100KD ETC-694-3-R100KD Datasheet
144Kb / 3P
Isolated, bussed and other circuits Thin film resistor network 0.300??PDIP packages
6943R10KA ETC2-6943R10KA Datasheet
144Kb / 3P
Isolated, bussed and other circuits Thin film resistor network
664-A-5002B ETC2-664-A-5002B Datasheet
135Kb / 3P
Isolated and bussed circuits
logo
TT Electronics.
SFN TTELEC-SFN Datasheet
159Kb / 3P
Isolated and bussed circuits
SFN08A TTELEC-SFN08A Datasheet
85Kb / 3P
Isolated and bussed circuits Thin film resistor network RoHS compliant available
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com