Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3154 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ZSSC3154
Description  Automotive Sensor Signal Conditioner with Dual Analog Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3154 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ZSSC3154 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZSSC3154 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ZSSC3154
Automotive Sensor Signal Conditioner with Dual Analog Output
Evaluation Kit
March 13, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 1.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
9 of 23
The main window includes all the settings for configuration of the ZSSC3154 in a clear structure, which hides
the corresponding HEX commands behind buttons and pull-down menus. For a detailed description of the
commands, refer to the ZSSC3154 Functional Description. An information box that explains functionality
appears when the cursor is placed over most buttons, drop down menus, and check boxes.
3.4.1.
Interface Selection
The ZSSC3154 supports two interfaces: OWI and I²C
TM
(see Figure 3.2). After starting the software, select the
interface for the application in the “Interface Selection”
section.
Adjacent to the drop down menu for the interface is a
menu for selecting the I²C
TM addresses to be used.
If I²
C™ interface is selected, additional settings for the
I²C
™ interface are enabled in the “Send Command”
menu.
For more details about the
“Send Command” menu, see
section 3.10.
Figure 3.3
Additional I²C
TM and OWI Interface Settings in the “Send Command” Menu
3.4.2.
ZSSC3154 Configuration
The
“IC Configuration” section includes the following buttons:
ReadRAM :
reads the complete RAM contents and updates
only the “RAM_Register” menu.
RdRAM&Set : reads the complete RAM contents and updates
all of the ZSSC3154 software.
Write RAM :
copies the current software settings into the
RAM of the ZSSC3154.
RAM-->EEP : copies the RAM contents into EEPROM. The
free-user-memory registers (1CHEX, 1DHEX, and
1EHEX) will also be copied using the contents of
the ZMDI software registers
**.
EEP-->RAM : copies the EEPROM contents into RAM using the C0
HEX command.
Write&Cycle : copies the current software settings into the RAM of the ZSSC3154 and starts the
measurement cycle using the current RAM settings (command: 02HEX
††
).
RdSaveTrID : Read and save traceability information (the contents of two free-user-memory registers
19HEX and 1AHEX).
** The contents of the “RAM-Register” dialog will be used for free-user-memory registers.
†† For details about ZSSC3154 commands, refer to the ZSSC3154 Functional Description.
Figure 3.2
Interface Selection Section
Figure 3.4 IC Configuration Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com