Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSSC3170 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ZSSC3170
Description  Automotive Sensor Signal Conditioner with LIN and PWM Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSSC3170 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ZSSC3170 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZSSC3170 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZSSC3170 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZSSC3170 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZSSC3170 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZSSC3170 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZSSC3170 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZSSC3170 Datasheet HTML 24Page - List of Unclassifed Manufacturers ZSSC3170 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
ZSSC3170
Automotive Sensor Signal Conditioner with LIN and PWM Interface
Evaluation Kit
November 28, 2012
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 2.00
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
21 of 26
4
Calibration Example
The following directions perform an example of a simple calibration using the sensor replacement
board (SRB). The calibrated output will be displayed as a calibration result.
4.1.
Hardware Setup
a) Connect the SSC CB, SSC EB, and SRB as shown in Figure 4.1.
b) Press down on top of the socket on the SSC EB to open it and insert a ZSSC3170 (see Figure 4.1;
note pin 1 orientation).
c)
Connect a USB cable from the USB connector on the SSC CB to an available USB port on the PC.
Verify that the green PWR LED is lit on the SSC CB.
Figure 4.1
Hardware Setup for Calibration Example
EB
EB
SRB
SRB
CB
CB
Min.
Min.
Max.
Max.
ZSSC3170
press
press
press
press
Power
LED
Pin 1
4.2.
Software Startup
a) Start the ZSSC3170 Software by clicking on the desktop icon
or activate it from the Windows
Start Menu folder: #Start_Menu#\ZMDI\ZSSC3170\ZSSC3170.
b) S
elect “I2C – CB – USB” or “LIN – CB – USB” interface from the drop down menu in the “Interface
Selection
” section of the main window as shown in Figure 4.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com