Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWM Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # HWM
Description  Armoire murale a porte pivotante en acier robuste
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

HWM Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  HWM Datasheet HTML 1Page - Hammond Manufacturing Ltd. HWM Datasheet HTML 2Page - Hammond Manufacturing Ltd. HWM Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Two Post Mounting Cantilever Shelf
Two Post Mounting Clamping Shelf
Rack Unit Label
Horizontal Lacing Bar
Horizontal Hinged Cable Manager
Horizontal Steel Finger Cable
Manager
Outlet Strips
Mounting Hardware
Grounding
Rack Panels
Grill Fan Kits
Section arrière en acier soudé de calibre 14; section centrale et portes
en acier de calibre 16.
Rails de montage à profondeur réglable conformes aux normes EIA.
Comprend une (1) paire de rails de montage taraudés (10-32).
Pattes de mise à la terre situées au bas et au sommet de la porte,
sections centrale et arrière.
Revêtement en poudre résistant noir à texture de sable (atténuant les
empreintes de doigts et les marques).
Capacité de charge recommandée de 275 lb.
Conforme à la directive RoHS.
Fabriqué en Amérique du Nord.
Galerie
Accessoires
Part No.
Part No.
Overall Dimensions
Rack
Mounting (Usable) Dimensions
Vented Door
Window Door
Height
Width
Depth
Units
Height
Width
Depth
HWM2412U11BK
HWM2412U11WDBK
27.75
24.68
16.70
12U
21.00
19.00
14.52
HWM2412U20BK
HWM2412U20WDBK
27.75
24.68
25.70
12U
21.00
19.00
23.52
HWM2412U26BK
HWM2412U26WDBK
27.75
24.68
31.70
12U
21.00
19.00
29.52
HWM2420U11BK
HWM2420U11WDBK
41.75
24.68
16.70
20U
35.00
19.00
14.52
HWM2420U20BK
HWM2420U20WDBK
41.75
24.68
25.70
20U
35.00
19.00
23.52
HWM2420U26BK
HWM2420U26WDBK
41.75
24.68
31.70
20U
35.00
19.00
29.52
HWM2424U11BK
HWM2424U11WDBK
48.75
24.68
16.70
24U
42.00
19.00
14.52
HWM2424U20BK
HWM2424U20WDBK
48.75
24.68
25.70
24U
42.00
19.00
23.52
HWM2424U26BK
HWM2424U26WDBK
48.75
24.68
31.70
24U
42.00
19.00
29.52
HWM2432U11BK
HWM2432U11WDBK
62.75
24.68
16.70
32U
56.00
19.00
14.52
HWM2432U20BK
HWM2432U20WDBK
62.75
24.68
25.70
32U
56.00
19.00
23.52
HWM2432U26BK
HWM2432U26WDBK
62.75
24.68
31.70
32U
56.00
19.00
29.52
Accessories
Cabinet Rack Units
Solid Door
Tapped 10-32 Rail (Pair)
Square Hole 10-32 Rail (Pair)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com