Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBT07082 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT07082
Description  70MHz SAW Filter 9MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT07082 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT07082 Datasheet HTML 1Page - SIPAT Co,Ltd LBT07082 Datasheet HTML 2Page - SIPAT Co,Ltd LBT07082 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT07082
Rev. Date
2005-3-7
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz SAW Filter
9MHz Bandwidth
Part Number: LBT07082
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
69.9
70
70.1
Insertion Loss
dB
-
22.8
24.5
1 dB Bandwidth
MHz
9
9.15
-
3 dB Bandwidth
MHz
9.3
9.47
-
40 dB Bandwidth
MHz
-
10.77
10.95
Passband Variation
dB
-
0.5
1
Absolute Delay
usec
-
1.75
-
Group Delay Variation(f0±4.375MHz)
nsec
-
70
-
Ultimate Rejection
dB
40
43
-
Subatrate Material
112LT
Ambient Temperature
°C
25
Package Size
SMD13.3*6.5
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=39nH
L2=180nH
L3=100nH
L4=150nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBT07082

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT07082 SIPAT-LBT07082 Datasheet
288Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
More results

Similar Description - LBT07082

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A21 SIPAT-LBN70A21 Datasheet
281Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
LBT07082 SIPAT-LBT07082 Datasheet
288Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
LBT20004 SIPAT-LBT20004 Datasheet
146Kb / 3P
200MHz SAW Filter 9MHz Bandwidth
LBN70A66 SIPAT-LBN70A66 Datasheet
193Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
LBN70A69 SIPAT-LBN70A69 Datasheet
146Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
LBN70A72 SIPAT-LBN70A72 Datasheet
149Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
LBT70A73 SIPAT-LBT70A73 Datasheet
151Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
LBT70A74 SIPAT-LBT70A74 Datasheet
152Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
LBT70A73 SIPAT-LBT70A73 Datasheet
151Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
LBT70A74 SIPAT-LBT70A74 Datasheet
152Kb / 3P
70MHz SAW Filter 9MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com