Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBT08024 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT08024
Description  80MHz SAW Filter 4.6MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT08024 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT08024 Datasheet HTML 1Page - SIPAT Co,Ltd LBT08024 Datasheet HTML 2Page - SIPAT Co,Ltd LBT08024 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT08024
Rev. Date
2004-12-20
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
80MHz SAW Filter
4.6MHz Bandwidth
Part Number: LBT08024
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
79.9
80
80.1
Insertion Loss
dB
23.9
25.5
1 dB Bandwidth
MHz
4.6
4.8
3 dB Bandwidth
MHz
4.9
5.13
40 dB Bandwidth
MHz
6.4
6.6
Group Delay Variation(f0±2.3MHz)
nsec
100
Passband Variation
dB
0.8
1.2
Ultimate Rejection
dB
50
55
Absolute delay
usec
2.48
2.6
Subatrate Material
112LT
Ambient Temperature
°C
25
Package Size
DIP2212
(22.2x12.8x4.7mm
3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance shown
Matching Configuration
L1=82+33nH L2=82+56nH
C1=82pF
C2=82pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
L1
C1
C2


Similar Part No. - LBT08024

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT08024 SIPAT-LBT08024 Datasheet
141Kb / 3P
80MHz SAW Filter 4.6MHz Bandwidth
More results

Similar Description - LBT08024

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS08030 SIPAT-LBS08030 Datasheet
142Kb / 3P
80MHz SAW Filter 3MHz Bandwidth
LBN08025 SIPAT-LBN08025 Datasheet
147Kb / 3P
80MHz SAW Filter 24.1MHz Bandwidth
LBN08026 SIPAT-LBN08026 Datasheet
149Kb / 3P
80MHz SAW Filter 15.1MHz Bandwidth
LBN08027 SIPAT-LBN08027 Datasheet
139Kb / 3P
80MHz SAW Filter 6MHz Bandwidth
LBN08029 SIPAT-LBN08029 Datasheet
142Kb / 3P
80MHz SAW Filter 10MHz Bandwidth
LBT08024 SIPAT-LBT08024 Datasheet
141Kb / 3P
80MHz SAW Filter 4.6MHz Bandwidth
LBN18404 SIPAT-LBN18404 Datasheet
259Kb / 3P
184.32MHz SAW Filter 80MHz Bandwidth
LBS08036 SIPAT-LBS08036 Datasheet
145Kb / 3P
80MHz SAW Filter 0.1MHz Bandwidth
LBT15801 SIPAT-LBT15801 Datasheet
255Kb / 3P
157.8MHz SAW Filter 4.6MHz Bandwidth
LBT30701 SIPAT-LBT30701 Datasheet
284Kb / 3P
307.2MHz SAW Filter 4.6MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com