Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECF504-AB. Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ECF504-AB.
Description  KIT SHOWN FULLY ASSEMBLED FOR CLARITY (KIT IS SHIPPED UN-ASSEMBLED)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ECF504-AB. Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ECF504-AB. Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FLANGE MOUNTED KEYSTONE ADAPTOR
KIT SHOWN FULLY ASSEMBLED FOR CLARITY
(KIT IS SHIPPED UN-ASSEMBLED)
2X #4-40 UNC-2A X 1/4" LONG
KEYSTONE ADAPTOR USB A-B
L-COM P/N UADKEY-AB
RoHS Compliant 
.900
22.9
.675
17.1
1.142
29
RECOMMENDED
PANEL OPENING
2X #4-40 UNC-2B THRU
KIT INCLUDES:
1- SHIELDED COUPLER
1- FLANGE ADAPTOR
1- PACKAGE MOUNTING SCREWS (4-40 x 1/4")
.75
19.1
1.40
35.6
.07
1.8
1.36
34.4
NOTES:
MATERIAL:
FLANGED ADAPTOR: ZINC ALLOY
HARDWARE: STAINLESS STEEL.
PACKAGING:
KITS SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE
WITH L-COM PACKAGING SPECIFICATION PS-0031.
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
ECF504-AB
A
ECF504-AB.SLDDRW
1
1
D. PARHAM
12/1/10
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S. SMITH
12/2/10
12/2/10
A
-
INITIAL RELEASE
-
-
D.GRIFFIN
-
-
-
-
-
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
-
-
-
-
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
ADPT USB A-B CPLR KIT
USB
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
12/1/10
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - ECF504-AB.

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ECF504-AB L-COM-ECF504-AB Datasheet
130Kb / 1P
USB Surge/Lightning Protector – Type A/B Connectors, Panel Mountable
ECF504-AB12 L-COM-ECF504-AB12 Datasheet
87Kb / 2P
Panel Mountable USB Lightning / Surge Protector with Pigtail – USB Type A/B Model: AL-ECF504-ABxx
ECF504-AB24 L-COM-ECF504-AB24 Datasheet
87Kb / 2P
Panel Mountable USB Lightning / Surge Protector with Pigtail – USB Type A/B Model: AL-ECF504-ABxx
ECF504-AB36 L-COM-ECF504-AB36 Datasheet
87Kb / 2P
Panel Mountable USB Lightning / Surge Protector with Pigtail – USB Type A/B Model: AL-ECF504-ABxx
ECF504-AB48 L-COM-ECF504-AB48 Datasheet
87Kb / 2P
Panel Mountable USB Lightning / Surge Protector with Pigtail – USB Type A/B Model: AL-ECF504-ABxx
More results

Similar Description - ECF504-AB.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ECF110C5E-S ETC2-ECF110C5E-S Datasheet
71Kb / 1P
KIT SHOWN FULLY ASSEMBLED FOR CLARITY (KIT IS SHIPPED UN-ASSEMBLED)
logo
Maxim Integrated Produc...
MAX1938EVKIT MAXIM-MAX1938EVKIT Datasheet
508Kb / 9P
a fully tested and assembled power supply Evaluation Kit
Rev 1; 5/07
MAX1921EVKIT MAXIM-MAX1921EVKIT Datasheet
95Kb / 4P
fully assembled and tested Evaluation Kit
Rev 0; 03/02
MAX1774EVKIT MAXIM-MAX1774EVKIT Datasheet
181Kb / 6P
fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 2; 12/03
MAX1531EVKIT MAXIM-MAX1531EVKIT Datasheet
307Kb / 13P
fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 11/04
MAX1522EVKIT MAXIM-MAX1522EVKIT Datasheet
131Kb / 5P
fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 03/01
MAX1518EVKIT MAXIM-MAX1518EVKIT Datasheet
247Kb / 6P
fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 10/04
MAX686EVKIT MAXIM-MAX686EVKIT Datasheet
98Kb / 8P
fully assembled and tested surface-mount circuit board Evaluation Kit
1998
MAX668EVKIT MAXIM-MAX668EVKIT Datasheet
82Kb / 6P
fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0a; 8/98
MAX2510EVKIT MAXIM-MAX2510EVKIT Datasheet
541Kb / 8P
Fully Assembled and Tested Evaluation Kit
Rev 2; 1/01
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com