Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D5G0204N-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D5G0204N-R
Description  1.437 DIAMETER 1.5 AMPS 28 VDC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D5G0204N-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D5G0204N-R Datasheet HTML 1Page - List of Unclassifed Manufacturers D5G0204N-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
SPECIFICATIONS
ELECTRICAL
Current and Voltage Rating: Make and break resistive load
1.5 amps @ 28 VDC; 0.5 amp @ 115 VAC.
Current Carrying Capacity: 9 amps.
Dielectric Strength: 1,500 VAC between current carrying parts and
ground.
Contact Resistance: Average initial 3.5 milliohms.
Insulation Resistance: In excess of 750,000 megohms.
Hardware: Mounting nut and lockwasher are shipped assembled.
SPECIFICATIONS AND ORDERING INFORMATION
D5 - SERIES
1.437" DIAMETER 1.5 AMPS @ 28 VDC
MECHANICAL
Materials and Finishes: All parts utilize non-corrosive materials
as standard.
Clips and Rotors: Brass with silver plate as standard.
Insulation: Glass epoxy.
Index: Formed spring, hill and valley design.
Index Life: 25,000 cycles minimum.
Index Torque: Switches have lowest practical torque consistent
with crisp detenting and smooth, reliable operation.
Index Angles: Positive 30
° standard.
Index Stops: Fixed or continuous.
Stop Strength: 25 in. lbs. minimum.
STANDARD PART NUMBER
DIMENSIONS
* FIGURES ARE SHOWN ON PAGES 55 AND 56.
STANDARD CONSTRUCTION
D5G
GLASS EPOXY CONSTRUCTION
26
UNIT OF ELECTRO SWITCH CORP.
• ELECTRONIC PRODUCTS
2010 Yonkers Road
Raleigh, NC 27604
Telephone: (888) ROTARYS or (919) 833-0707
Fax: (800) 909-9171 or (919) 833-8016
SOLDER LUG TERMINALS
SWITCHES - 30
° INDEXING - FIXED STOPS
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION
SECTIONS
SHORTING
*
PRINTED CIRCUIT BOARD TERMINALS
SWITCHES - 30
° INDEXING - FIXED STOPS
ACTIVE
POLES/
NO. OF
SHORTING
NON-
FIG.
POLES POSITIONS SECTION
SECTIONS
SHORTING
*
The D5 Series switch is an economical single section switch utilizing glass
epoxy insulation, staked construction, and printed circuit board or solder lug
terminals. The formed spring index uses a small face plate area with
detenting available up to 12 positions.
NON–TURN LUG
.125W X .025 THK.
.531 FROM C–LINE
.063 ENGAGEMENT
01
06
1
1
D5G0106S
D5G0106N DB
01
06
1
1
D5G0106S - R
D5G0106N - R
DB
01
08
1
1
D5G0108S
D5G0108N DB
01
08
1
1
D5G0108S - R
D5G0108N - R
DB
01
10
1
1
D5G0110S
D5G0110N DB
01
10
1
1
D5G0110S - R
D5G0110N - R
DB
01
11
1
1
D5G0111S
D5G0111N
DB
01
11
1
1
D5G0111S - R
D5G0111N - R
DB
02
04
2
1
D5G0204S
D5G0204N DG
02
04
2
1
D5G0204S - R
D5G0204N - R
DG
02
05
2
1
D5G0205S
D5G0205N DG
02
05
2
1
D5G0205S - R
D5G0205N - R
DG
03
03
3
1
D5G0303S
D5G0303N DN
03
03
3
1
D5G0303S - R
D5G0303N - R
DN


Similar Part No. - D5G0204N-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5G DIODES-D5G Datasheet
59Kb / 2P
1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. A-2
D5G DIODES-D5G Datasheet
350Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. 3 - 2
D5G-T DIODES-D5G-T Datasheet
350Kb / 3P
1.0A GLASS PASSIVATED RECTIFIER
DS29001 Rev. 3 - 2
More results

Similar Description - D5G0204N-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C4D0112S-A ETC2-C4D0112S-A Datasheet
96Kb / 3P
1.5 DIAMETER 0.5 AMP 28 VDC
D3G0111S ETC2-D3G0111S Datasheet
81Kb / 3P
1 5/16 DIAMETER 1.5 AMPS 28 VDC
D4G0111S ETC2-D4G0111S Datasheet
82Kb / 2P
1.437 DIAMETER 1.5 AMPS 28 VDC
D8G0117S ETC2-D8G0117S Datasheet
70Kb / 2P
2 5/16 DIAMETER 2.25 AMPS 28 VDC
D9G0123S ETC2-D9G0123S Datasheet
76Kb / 2P
2 5/16 DIAMETER 1.5 AMPS 28 VDC
E2G0203S-1 ETC2-E2G0203S-1 Datasheet
56Kb / 2P
Lever Action 1.5 AMPS 28 VDC
E3G0402S-1 ETC2-E3G0402S-1 Datasheet
57Kb / 1P
1 1/2 DIAMETER 1.5 AMPS 28 VDC
C4D0606S-A ETC2-C4D0606S-A Datasheet
96Kb / 3P
1.5 DIAMETER 0.5 AMP 28 VDC
D6D0112S ETC2-D6D0112S Datasheet
81Kb / 3P
1.687 DIAMETER 1.5 AMPS 28 VDC
M5D0112S-A ETC2-M5D0112S-A Datasheet
61Kb / 2P
1 DIAMETER 2.0 AMPS 28 VDC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com