Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D3G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D3G
Description  1.0A GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D3G Datasheet(HTML) 2 Page - Diodes Incorporated

  D3G Datasheet HTML 1Page - Diodes Incorporated D3G Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
S29001 Rev. A-2
2 of 2
D1G-D7G
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2Typical Forward Characteristics
F
T = 25ºC
PULSE WIDTH = 300µs
2% DUTY CYCLE
j
10
1.0
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Max Non-Repetitive Peak Fwd Surge Current
8.3ms Single half sine-wave
JEDEC Method
0
20
30
25
15
10
V , REVERSE VOLTAGE (V)
Fig.4Typical Junction Capacitance
R
1.0
10
100
1.0
10
100
T = 25ºC
f = 1MHz
j
0.1
1.0
10
0
20
40
60
80
100
120
140
T = 25°C
j
T = 100°C
j
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
100
40
60
80
100
120
140
160
180
0
0.2
0.4
0.6
0.8
1.0
T , AMBIENT TEMPERATURE (ºC)
Fig. 1 Forward Current Derating Curve
A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com